Electronic Components Datasheet Search
  English  ▼

X  

BAE00P0 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAE00P0
Description  Lighting for Vision Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAE00P0 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAE00P0 Datasheet HTML 1Page - Balluff Korea Ltd. BAE00P0 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lighting for Vision Systems
BAE LX-VS-LW200-S26
Order Code: BAE00P0
Internet
www.balluff.com
eCl@ss 9.1: 27-11-06-35
Subject to change without notice: 238061
ETIM 6.0: EC00996
BAE00P0_0.63_2021-10-12
1 / 2
Basic features
Approval/Conformity
CE
UKCA
EAC
WEEE
Operating mode
Normal (continuous operation)
Boost (continuous operation with
cooling)
Scope of delivery
Line light
Cable M5 to M12
Use
for Vision sensor BVS
Version
Strip light
Display/Operation
Adjuster
no
Electrical connection
Cable length L
0.3 m
Conductor cross-section
0.34 mm²
Connection
M5x0.5-Male, 4-pin, A-coded
Connection type
Connector, 0.3 m
Number of conductors
4
Polarity reversal protected
yes
Electrical data
Current draw max.
170 mA, 450 mA (Boost mode)
Input function
Operating mode Normal/Boost
Emitter on/off
Rated operating voltage Ue DC
24 V
Environmental conditions
Ambient temperature
-10...55 °C
IP rating
IP54
Functional safety
MTTF (40 °C)
415 a
Interface
Digital inputs
Trigger
Material
Housing material
Aluminum, anodized, black
Glass
Surface protection
anodized, black
Mechanical data
Dimension
13 x 18 x 200 mm
Mounting part
Threads
Optical features
Beam angle
120 ° x 40 °
Color temperature
5600 K
Illumination area
195 x 10 mm
Illuminence (0.1 m)
3000 Lux 7850 Lux (Boost mode)
LED group per IEC 62471
Exempt Group
Light type
LED white light


Similar Part No. - BAE00P0

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE000E BALLUFF-BAE000E Datasheet
101Kb / 2P
Lighting for Vision Systems
0.61_2021-10-12
BAE000F BALLUFF-BAE000F Datasheet
104Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE000H BALLUFF-BAE000H Datasheet
103Kb / 2P
Lighting for Vision Systems
0.71_2021-10-12
BAE000J BALLUFF-BAE000J Datasheet
124Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE000K BALLUFF-BAE000K Datasheet
124Kb / 2P
Lighting for Vision Systems
0.65_2021-10-12
More results

Similar Description - BAE00P0

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE000F BALLUFF-BAE000F Datasheet
104Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE000H BALLUFF-BAE000H Datasheet
103Kb / 2P
Lighting for Vision Systems
0.71_2021-10-12
BAE000K BALLUFF-BAE000K Datasheet
124Kb / 2P
Lighting for Vision Systems
0.65_2021-10-12
BAE00C5 BALLUFF-BAE00C5 Datasheet
103Kb / 2P
Lighting for Vision Systems
0.67_2021-10-12
BAE00FR BALLUFF-BAE00FR Datasheet
120Kb / 3P
Lighting for Vision Systems
0.72_2021-10-12
BAE00KF BALLUFF-BAE00KF Datasheet
105Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE00NT BALLUFF-BAE00NT Datasheet
115Kb / 2P
Lighting for Vision Systems
0.63_2021-10-12
BAE00NU BALLUFF-BAE00NU Datasheet
115Kb / 2P
Lighting for Vision Systems
0.62_2021-10-12
BAE011R BALLUFF-BAE011R Datasheet
125Kb / 2P
Lighting for Vision Systems
0.28_2021-10-22
BAE011T BALLUFF-BAE011T Datasheet
126Kb / 2P
Lighting for Vision Systems
0.34_2021-10-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com