Electronic Components Datasheet Search
  English  ▼

X  

DM74ALS390 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74ALS390
Description  Dual 4-Bit Decade Counters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74ALS390 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74ALS390 Datasheet HTML 1Page - National Semiconductor (TI) DM74ALS390 Datasheet HTML 2Page - National Semiconductor (TI) DM74ALS390 Datasheet HTML 3Page - National Semiconductor (TI) DM74ALS390 Datasheet HTML 4Page - National Semiconductor (TI) DM74ALS390 Datasheet HTML 5Page - National Semiconductor (TI) DM74ALS390 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics over recommended operating free air temperature range
Symbol
Parameter
Conditions
From (Input)
DM54ALS390
DM74ALS390
Units
To (Output)
Min
Max
Min
Max
fmax
Maximum Clock Frequency
VCC e 45 to 55V
A to QA
MHz
RL e 500 X
BtoQB
tPLH
Propagation Delay Time
CL e 50 pF
AtoQA
ns
Low to High Level Output
TA e Min to Max
tPHL
Propagation Delay Time
(Note 2)
AtoQA
ns
High to Low Level Output
tPLH
Propagation Delay Time
AtoQC
ns
Low to High Level Output
tPHL
Propagation Delay Time
AtoQC
ns
High to Low Level Output
tPLH
Propagation Delay Time
BtoQB
ns
Low to High Level Output
tPHL
Propagation Delay Time
BtoQB
ns
High to Low Level Output
tPLH
Propagation Delay Time
BtoQC
ns
Low to High Level Output
tPHL
Propagation Delay Time
BtoQC
ns
High to Low Level Output
tPLH
Propagation Delay Time
BtoQD
ns
Low to High Level Output
tPHL
Propagation Delay Time
BtoQD
ns
High to Low Level Output
tPHL
Propagation Delay Time
Clear to
ns
High to Low Level Output
Any Q
Note 1
ICC is measured with all outputs open both clear inputs grounded following momentary connection to 45V and all other inputs grounded
Note 2
See Section 5 for test waveforms and output load
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com