Electronic Components Datasheet Search
  English  ▼

X  

EM78468 Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78468
Description  8-BIT Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78468 Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78468 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78468 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78468 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78468 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78468 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78468 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78468 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78468 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78468 Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
EM78468
8-BIT Microcontroller
4
•
Product Specification (V1.1) 04.11.2005
(This specification is subject to change without further notice)
3.2 LQFP - 64
EM78468AQ
LQFP-64
1
2
3
4
5
6
7
8
9
1
0
1
1
VLCD2
VLCD3
/RESET
GND
R-OSCI
OSCO
VDD
XIN
XOUT
P5.4/INT0
SEG16/P7.0
SEG17/P7.1
SEG18/P7.2
SEG19/P7.3
SEG20/P7.4
SEG21/P7.5
SEG22/P7.6
SEG23/P7.7
SEG24/P8.0
SEG25/P8.1
SEG26/P8.2
54
55
56
57
58
59
60
61
62
63
64
30
29
28
27
26
25
24
23
22
21
20
4
1
4
2
4
3
4
4
4
5
4
6
4
7
4
8
SEG28/P8.4
SEG27/P8.3
1
2
1
3
1
4
1
5
1
6
31
32
3
3
3
4
3
5
3
6
3
7
3
8
3
9
4
0
52
53
COM0
VB
VA
19
18
17
COM1
COM2
COM3
SEG28/P8.5
51
SEG28/P8.6
50
NC
49
Input Pin
Output Pin
Input/Output Pin
Digital I/O Pin/LCD Output Pin
LCD Output Pin
Fig. 1-(b) Pins Configuration for 64 Pin LQFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com