Electronic Components Datasheet Search
  English  ▼

X  

MAX4351ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4351ESA
Description  Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4351ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4351ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4351ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4351ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4351ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4351ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4351ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4351ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4351ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4351ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ultra-Small, Low-Cost, 210MHz, Dual-Supply
Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VCM = 0, RF = 24
Ω, RL = 100Ω to 0, AVCL = +1V/V, TA = +25°C, unless otherwise noted.)
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal -3dB Bandwidth
BWSS
VOUT = 100mVp-p
210
MHz
Large-Signal -3dB Bandwidth
BWLS
VOUT = 2Vp-p
175
MHz
VOUT = 100mVp-p
55
Bandwidth for 0.1dB Gain
Flatness
BW0.1dB
VOUT = 2Vp-p
40
MHz
Slew Rate
SR
VOUT = 2V step
485
V/
µs
Settling Time to 0.1%
tS
VOUT = 2V step
16
ns
Rise/Fall Time
tR, tF
VOUT = 100mVp-p
4
ns
Spurious-Free Dynamic Range
SFDR
fC = 5MHz, VOUT = 2Vp-p
-65
dBc
2nd harmonic
-65
3rd harmonic
-58
Harmonic Distortion
HD
fC = 5MHz,
VOUT = 2Vp-p
Total harmonic
distortion
-63
dBc
Two-Tone, Third-Order
Intermodulation Distortion
IP3
f1 = 4.7MHz, f2 = 4.8MHz, VOUT = 1Vp-p
66
dBc
Channel-to-Channel Isolation
CHISO
Specified at DC, MAX4351 only
102
dB
Input 1dB Compression Point
fC = 10MHz, AVCL = +2V/V
14
dBm
Differential Phase Error
DP
NTSC, RL = 150
Ω
0.08
degrees
Differential Gain Error
DG
NTSC, RL = 150
Ω
0.02
%
Input Noise-Voltage Density
eN
f = 10kHz
10
nV/
√Hz
Input Noise-Current Density
iN
f = 10kHz
1.8
pA/
√Hz
Input Capacitance
CIN
1pF
Output Impedance
ZOUT
f = 10MHz
1.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com