Electronic Components Datasheet Search
  English  ▼

X  

MPL3115A2 Datasheet(PDF) 3 Page - SparkFun Electronics

Part # MPL3115A2
Description  MPL3115A2 Pressure Sensor Hookup Guide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

MPL3115A2 Datasheet(HTML) 3 Page - SparkFun Electronics

  MPL3115A2 Datasheet HTML 1Page - SparkFun Electronics MPL3115A2 Datasheet HTML 2Page - SparkFun Electronics MPL3115A2 Datasheet HTML 3Page - SparkFun Electronics MPL3115A2 Datasheet HTML 4Page - SparkFun Electronics MPL3115A2 Datasheet HTML 5Page - SparkFun Electronics MPL3115A2 Datasheet HTML 6Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
•GND → GND
•SDA → A4
•SCL → A5
Note: You can also you the SDA and SCL lines on Arduino boards that
have them broken out. Make sure you edit the code accordingly if you use
those pins instead.
On an Arduino board connect the SDA pin on the breakout board to A4 and
SCL to A5. If you’re using a 5V Arduino Uno we recommend putting 330
ohm resistors in line to limit the 5V signal going into the sensor and prevent
damage to the sensor.
MPL311A2 Library and Functions
We’ve written an Arduino library and some example code to make using the
MPL3115A2 easy to get up and running. Grab the library here. Unzip and
paste the folder “MPL3115A2_Pressure” into your Arduino libraries folder.
Not sure how to install an Arduino library? Read here for more information.
Load the Pressure example
Once the library is installed, open Arduino, and expand the examples
menu. You should see the MPL3115A2_Pressure sub-menu. Load the
“Pressure” example onto the Arduino. Open the serial terminal at 9600bps.
You will see the current barometric pressure and temperature in the room!
Page 3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com