Electronic Components Datasheet Search
  English  ▼

X  

LTC3250 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3250
Description  High Voltage Boost Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3250 Datasheet(HTML) 2 Page - Analog Devices

  LTC3250 Datasheet HTML 1Page - Analog Devices LTC3250 Datasheet HTML 2Page - Analog Devices LTC3250 Datasheet HTML 3Page - Analog Devices LTC3250 Datasheet HTML 4Page - Analog Devices LTC3250 Datasheet HTML 5Page - Analog Devices LTC3250 Datasheet HTML 6Page - Analog Devices LTC3250 Datasheet HTML 7Page - Analog Devices LTC3250 Datasheet HTML 8Page - Analog Devices LTC3250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LTC3290
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN, VAUX ..............................................–60V to 60V
VIN to VAUX, VIN to EN...............................................60V
VOUT, VSET.................................................. –0.3V to 60V
FB, PGOOD.....................................–0.3V to BIAS + 0.3V
BIAS............................................................. –0.3V to 6V
VOUT Short-Circuit Duration............................. Indefinite
Operating Junction Temperature Range
(Notes 2, 3)............................................ –55°C to 150°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Notes 1, 3)
1
2
3
4
5
VAUX
EN
C+
C–
VIN
10
9
8
7
6
VOUT
VSET
FB
PGOOD
BIAS
TOP VIEW
11
GND
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 45°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3290EMSE#PBF
LTC3290EMSE#TRPBF
LTGZW
10-Lead Plastic MSOP
–40°C to 125°C
LTC3290IMSE#PBF
LTC3290IMSE#TRPBF
LTGZW
10-Lead Plastic MSOP
–40°C to 125°C
LTC3290HMSE#PBF
LTC3290HMSE#TRPBF
LTGZW
10-Lead Plastic MSOP
–40°C to 150°C
LTC3290MPMSE#PBF
LTC3290MPMSE#TRPBF
LTGZW
10-Lead Plastic MSOP
–55°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com