Electronic Components Datasheet Search
  English  ▼

X  

LTC3252 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3252
Description  High Voltage Boost Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3252 Datasheet(HTML) 3 Page - Analog Devices

  LTC3252 Datasheet HTML 1Page - Analog Devices LTC3252 Datasheet HTML 2Page - Analog Devices LTC3252 Datasheet HTML 3Page - Analog Devices LTC3252 Datasheet HTML 4Page - Analog Devices LTC3252 Datasheet HTML 5Page - Analog Devices LTC3252 Datasheet HTML 6Page - Analog Devices LTC3252 Datasheet HTML 7Page - Analog Devices LTC3252 Datasheet HTML 8Page - Analog Devices LTC3252 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC3290
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3290 is tested under pulsed load conditions such
that TJ ≈ TA. The LTC3290E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3290I is guaranteed over the –40°C to 125°C operating junction
temperature range, the LTC3290H is guaranteed over the –40°C to 150°C
operating junction temperature range and the LTC3290MP is guaranteed
over the –55°C to 150°C operating junction temperature range. Note that
the maximum ambient temperature consistent with these specifications
is determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environmental
factors.
The junction temperature (TJ, in °C) is calculated from the ambient
temperature (TA, in °C) and power dissipation (PD, in Watts) according to
the formula:
TJ = TA + (PD • θJA),
where θJA = 45°C/W is the package thermal impedance.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperatures will exceed 150°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
Note 4: This IC includes overvoltage protection that is intended to protect
the device during momentary overload conditions. Pin voltages will
exceed ABSMAX voltage ratings of the part while the protection is active.
Continuous operation above the ABSMAX voltage ratings may result in
device degradation or failure.
Note 5: Current limit is a protection feature. Refer to Available Output
Current section in Applications Information for additional information.
During a short-circuit event, the current limit is folded back further to
reduce power dissipation.
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = EN = 12V, VAUX = 5V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Boost Charge Pump
VIN
Input Supply Voltage Range
l
4.5
55
V
VAUX
Auxiliary Supply Voltage Range
l
4.5
55
V
(VIN + VAUX)
Sum of Input Supply Voltages
l
9
55
V
(VIN + VAUX)_OV Input Overvoltage Rising Threshold
Hysteresis
(VIN + VAUX) Rising, VSET = Hig
(Note 4)
63
65
4
67
V
V
VOUT_OV
Output Overvoltage Rising Threshold
Hysteresis
VOUT Rising
(Note 4)
63
65
4
67
V
V
IVIN
VIN Quiescent Current
Shutdown, EN = 0V
IVOUT = 0mA
3
15
5
30
µA
µA
IVAUX
VAUX Quiescent Current
Shutdown, EN = 0V
IVOUT = 0mA
1
1
3
3
µA
µA
VFB
FB Regulation Voltage
l
0.98
1
1.02
V
ROL
Effective Open Loop Output Resistance
65
Ω
ICL_VOUT
VOUT Current Limit
VOUT Not in Regulation (Note 5)
l
100
150
200
mA
VENH
Enable Pin Threshold Rising
l
1.1
2
V
VENL
Enable Pin Threshold Falling
l
0.4
1
V
VSETH
VSET Pin Threshold Rising
l
1.1
2
V
VSETL
VSET Pin Threshold Falling
l
0.4
1
V
IEN
Enable Pin Leakage Current
–1
0
1
µA
VPG_RISE_BST
PGOOD Pin Threshold Rising in Boost
% of Final Regulation Voltage, VSET = GND l
95
98
%
VPG_FALL_BST
PGOOD Pin Threshold Falling in Boost
% of Final Regulation Voltage, VSET = GND l
88
91
%
VPG_RISE_TRK
PGOOD Pin Threshold Rising in Tracking Offset from Programmed VOUT
–1.5
V
VPG_FALL_TRK
PGOOD Pin Threshold Falling in Tracking Offset from Programmed VOUT
–1.6
V
IPGOOD_HIGH
PGOOD Output High Leakage Current
VPGOOD = 3V
l
–1
1
µA
VPGOOD_LOW
PGOOD Output Low Voltage
IPGOOD = 0.2mA
l
0.1
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com