Electronic Components Datasheet Search
  English  ▼

X  

LTC4246 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4246
Description  No RSENSE??Electronic Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4246 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4246 Datasheet HTML 13Page - Analog Devices LTC4246 Datasheet HTML 14Page - Analog Devices LTC4246 Datasheet HTML 15Page - Analog Devices LTC4246 Datasheet HTML 16Page - Analog Devices LTC4246 Datasheet HTML 17Page - Analog Devices LTC4246 Datasheet HTML 18Page - Analog Devices LTC4246 Datasheet HTML 19Page - Analog Devices LTC4246 Datasheet HTML 20Page - Analog Devices LTC4246 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LTC4213
17
Rev. A
For more information www.analog.com
load at time point 6 should be within the circuit breaker
limits. Otherwise, the system fails to start and the circuit
breaker trips immediately after arming. In most applica-
tions additional external gate capacitance is not required
unless CLOAD is large and startup becomes problematic.
If an external gate capacitor is employed, its capacitance
value should not be excessive unless it is used with a
series resistor. This is because a big gate capacitor with-
out resistor slows down the GATE turn off during a fault.
An alternative method would be a stepped ISEL pin to allow
a higher current limit during startup.
In the event of output short circuit or a severe overload,
the load supply can collapse during GATE ramp up due
to load supply current limit. The chosen MOSFET must
withstand this possible brief short circuit condition before
time point 6 where the circuit breaker is allowed to trip.
Bench short circuit evaluation is a practical verification
of a reliable design. To have current limit while powering
a MOSFET into short circuit conditions, it is preferred
that the load supply sequences to turn on after the circuit
breaker is armed as described in an earlier section.
Power-Off Cycle
The system can be powered off by toggling the ON pin
low. When ON is brought below 0.76V for 5µs, the GATE
and READY pins are pulled low. The system resets when
ON is brought below 0.4V for 80µs.
MOSFET Selection
The LTC4213 is designed to be used with logic (5V) and
sub-logic (3V) MOSFETs for VCC potentials above 2.97V
with ∆VGSMAX exceeding 4.5V. For a VCC supply range
between 2.3V and 2.97V, sub-logic MOSFETs should be
used as the minimum ∆VGSMAX is less than 4.5V.
APPLICATIONS INFORMATION
The selected MOSFET VGS absolute maximum rating
should meet the LTC4213 maximum ∆VGSMAX of 8V.
Other MOSFET criteria such as VBDSS, IDMAX, and RDS(ON)
should be reviewed. Spikes and ringing above maximum
operating voltage should be considered when choosing
VBDSS. IDMAX should be greater than the current limit. The
maximum operating load current is determined by the
RDS(ON) value. See the Calculating Current Limit section
for details.
Supply Requirements
The LTC4213 can be powered from a single supply or
dual supply system. The load supply is connected to the
SENSEP pin and the drain of the external MOSFET. In the
single supply case, the VCC pin is connected to the load
supply, preferably with an RC filter. With dual supplies,
VCC is connected to an auxiliary bias supply VAUX where
VAUX voltage should be greater or equal to the load sup-
ply voltage. The load supply voltage must be capable of
sourcing more current than the circuit breaker limit. If
the load supply current limit is below the circuit breaker
trip current, the LTC4213 may not react when the output
overloads. Furthermore, output overloads may trigger
UVLO if the load supply has foldback current limit in a
single supply system.
VIN Transient and Overvoltage Protection
Input transient spikes are commonly observed whenever
the LTC4213 responds to overload. These spikes can be
large in amplitude, especially given that large decoupling
capacitors are absent in hot swap environments. These
short spikes can be clipped with a transient suppressor
of adequate voltage and power rating. In addition, the
LTC4213 can detect a prolonged overvoltage condition.
When SENSEP exceeds VCC + 0.7V for more than 65µs,
the LTC4213’s internal overvoltage protection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com