Electronic Components Datasheet Search
  English  ▼

X  

LTC3255 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC3255
Description  High Voltage Boost Charge Pump
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3255 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC3255 Datasheet HTML 2Page - Analog Devices LTC3255 Datasheet HTML 3Page - Analog Devices LTC3255 Datasheet HTML 4Page - Analog Devices LTC3255 Datasheet HTML 5Page - Analog Devices LTC3255 Datasheet HTML 6Page - Analog Devices LTC3255 Datasheet HTML 7Page - Analog Devices LTC3255 Datasheet HTML 8Page - Analog Devices LTC3255 Datasheet HTML 9Page - Analog Devices LTC3255 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LTC3290
6
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VAUX (Pin 1): Auxiliary Input Supply Voltage. VAUX should
be bypassed with a low impedance ceramic capacitor.
EN (Pin 2): Enable Logic Input. A logic high on the EN pin
enables the part and regulates the output voltage to the
desired value depending on the circuit configuration and
the state of the VSET pin. Do not float this pin.
C+ (Pin 3): Flying Capacitor Positive Connection.
C– (Pin 4): Flying Capacitor Negative Connection.
VIN (Pin 5): Input Supply Voltage. VIN should be bypassed
with a low impedance ceramic capacitor.
BIAS (Pin 6): Internal BIAS Voltage, 4.5V (typ). Connect
this pin to a 4.7µF bypass capacitor to GND. A ceramic
capacitor of at least 6.3V rating is recommended. The bias
pin is for internal operation only and should not be loaded
or driven externally.
PGOOD (Pin 7): Power Good Output. This open drain
output is low when the part is enabled and the output is
not in regulation. Once the part reaches regulation, this
pin transitions to a Hi-Z state. An external resistor pull-up
to a suitable voltage ≤ 3.6V is required to interface this pin
with external circuitry such as a microprocessor.
FB (Pin 8): Feedback Input Voltage. When the VSET pin is
settoGND,theFBpinfunctionsasaconventionalfeedback
input pin. An external resistor divider from the VOUT pin
to GND sets the output voltage at the VOUT pin. The FB
pin servos to 1V to achieve the desired output voltage at
the VOUT pin. In tracking mode, an external resistor from
the FB pin to GND generates a reference current. This
current is replicated at the VSET pin. An external resistor
from VOUT to the VSET pin sets the effective voltage at the
VOUT Pin. This configuration is used in the tracking mode,
when VOUT is desired to be set to a fixed offset voltage
above the input voltage VIN.
VSET (Pin 9): Output Voltage Set Pin. An external resis-
tor from this pin to the VOUT pin sets the output voltage
of the part in VIN tracking mode. For conventional boost
charge pump operation, this pin must be grounded. Do
not float this pin.
VOUT(Pin10):OutputVoltage.Thispinshouldbebypassed
with a low impedance ceramic capacitor to GND in normal
boost charge pump mode or to the VIN pin in VIN track-
ing mode. When the VSET pin is set to GND, the VOUT pin
voltage is set by an external divider between the VOUT, FB
and GND pins. In VIN tracking mode, the VOUT pin oper-
ates at a fixed offset voltage above the VIN pin. The value
of the offset voltage is set by a pair of external resistors,
one from the VOUT pin to the VSET pin and another from
the FB pin to GND.
GND(ExposedPadPin11):Ground.Theexposedpackage
is ground and must be soldered to the PC board ground
plane for proper functionality and for rated thermal per-
formance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com