Electronic Components Datasheet Search
  English  ▼

X  

LT8620 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8620
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8620 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8620 Datasheet HTML 16Page - Analog Devices LT8620 Datasheet HTML 17Page - Analog Devices LT8620 Datasheet HTML 18Page - Analog Devices LT8620 Datasheet HTML 19Page - Analog Devices LT8620 Datasheet HTML 20Page - Analog Devices LT8620 Datasheet HTML 21Page - Analog Devices LT8620 Datasheet HTML 22Page - Analog Devices LT8620 Datasheet HTML 23Page - Analog Devices LT8620 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT8607/LT8607B
20
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
1.8V, 2MHz Step-Down
Ultralow EMI, 5V, 1.5A Step-Down
5V, 2MHz Step-Down
C1
0.1µF
C2
4.7µF
C3
1µF
C4
22µF
X7R
1206
8607 TA05
C5
10pF
L1
2.2µH
R1
18.2k
R2
1MΩ
R3
768k
L1: XFL3012-222ME
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8607
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VIN
3.2V TO 20V
(42V TRANSIENT)
VOUT
1.8V
750mA
POWER
GOOD
fSW = 2MHz
C1
0.1µF
C2
4.7µF
C9
33µF
C7
4.7µF
C8
4.7µF
C3
1µF
C4
22µF
X7R
1206
8607 TA06
C5
10pF
L1
22µH
L3
4.7µH
L2
BEAD
R1
110k
R2
1MΩ
R3
187k
C2, C7, C8: X7R 1206
C9: 63SXV33M
L1: MSS6132-223
L2: BKP2125HS101-T
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8607
(MSOP)
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VOUT
5V
750mA
POWER
GOOD
fSW = 400kHz
VIN
5.8V TO 40V
+
C1
0.1µF
C2
4.7µF
X7R
1206
C3
1µF
C4
22µF
X7R
1206
8607 TA07
L1
4.7µH
R1
18.2k
L1: XFL4020-472ME
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8607-5
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VIN
5.6V TO 42V
VOUT
5V
750mA
POWER
GOOD
fSW = 2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com