Electronic Components Datasheet Search
  English  ▼

X  

GS1AE2 Datasheet(PDF) 1 Page - Schneider Electric

Part # GS1AE2
Description  TeSys GS - shaft extension - 320 mm - 30...400 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS1AE2 Datasheet(HTML) 1 Page - Schneider Electric

  GS1AE2 Datasheet HTML 1Page - Schneider Electric GS1AE2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sep 13, 2021
1
Product data sheet
Characteristics
GS1AE2
TeSys GS - shaft extension - 320 mm -
30...400 A
Main
Range
TeSys
Product or Component
Type
Shaft extension
Device short name
GS1AE
Accessory / separate
part category
Locking accessory
Product Compatibility
GS
Complementary
Switch rated current
400 A
160 A
50 A
63 A
125 A
200 A
100 A
60 A
250 A
315 A
Type of operating handle
External
Mounting Location
Front
Length
12.60 in (320 mm)
Shaft cross section
10 x 10 mm
Product Weight
0.53 lb(US) (0.24 kg)
Ordering and shipping details
Category
22640 - IEC DISCONNECT-GS1,LK3
Discount Schedule
I11
GTIN
00785901353591
Nbr. of units in pkg.
1
Package weight(Lbs)
8.92 oz (253 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.63 in (1.6 cm)
Package 1 width
0.63 in (1.6 cm)
Package 1 Length
12.60 in (32 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
40
Package 2 Weight
23.57 lb(US) (10.691 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Unit Type of Package 3
P06


Similar Part No. - GS1AE2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS1AE MCC-GS1AE Datasheet
252Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1AE MCC-GS1AE Datasheet
270Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1AE MCC-GS1AE Datasheet
296Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
GS1AE-TPS05 MCC-GS1AE-TPS05 Datasheet
421Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
logo
Schneider Electric
GS1AE7 SCHNEIDER-GS1AE7 Datasheet
72Kb / 2P
TeSys GS - shaft extension - front - 320 mm - 30 A
Sep 13, 2021
More results

Similar Description - GS1AE2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS2QU3N SCHNEIDER-GS2QU3N Datasheet
132Kb / 2P
TeSys GS - switch-disconnector-fuse - 3 P - UL - 400 A- fuse size J
Jul 18, 2021
GS1AD10 SCHNEIDER-GS1AD10 Datasheet
97Kb / 2P
TeSys GS - auxiliary contact support - 30 A
Jul 19, 2021
GS1AD010 SCHNEIDER-GS1AD010 Datasheet
89Kb / 2P
TeSys GS - NFPA 79 internal handle kit for 5mm shaft
Jul 19, 2021
GS1AU203 SCHNEIDER-GS1AU203 Datasheet
61Kb / 1P
TeSys GS - shorting link - 60 A
Aug 11, 2019
GS2AE2 SCHNEIDER-GS2AE2 Datasheet
61Kb / 1P
TeSys GS, shaft extension, 10 x 10 x 320 mm, for 100 to 400 A GS2 switches
Aug 11, 2019
GS1AE7 SCHNEIDER-GS1AE7 Datasheet
72Kb / 2P
TeSys GS - shaft extension - front - 320 mm - 30 A
Sep 13, 2021
GS2AE21 SCHNEIDER-GS2AE21 Datasheet
61Kb / 1P
TeSys GS, shaft extension, 10 x 10 x 400 mm, for 100 to 400 A GS2 switches
Aug 10, 2019
GS2EU3N SCHNEIDER-GS2EU3N_V01 Datasheet
236Kb / 3P
TeSys GS - switch-disconnectorfuse - 3 P - UL - 30 A- fuse size J
Jun 30, 2022
GS2QU3N SCHNEIDER-GS2QU3N_V01 Datasheet
146Kb / 3P
TeSys GS - switch-disconnector-fuse - - 3 P - UL - 400 A- fuse size J
Jun 30, 2022
GS1AD10 SCHNEIDER-GS1AD10_V01 Datasheet
109Kb / 2P
TeSys GS - auxiliary contact support - 30 A
Jun 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com