Electronic Components Datasheet Search
  English  ▼

X  

GS2AE21 Datasheet(PDF) 1 Page - Schneider Electric

Part # GS2AE21
Description  TeSys GS, shaft extension, 10 x 10 x 400 mm, for 100 to 400 A GS2 switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS2AE21 Datasheet(HTML) 1 Page - Schneider Electric

  GS2AE21 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Aug 10, 2019
1
Product data sheet
Characteristics
GS2AE21
TeSys GS, shaft extension, 10 x 10 x 400 mm,
for 100 to 400 A GS2 switches
Product availability: Stock - Normally stocked in distribution facility
Main
Range
TeSys
Device short name
GS2AE
Product or component
type
Shaft extension
Accessory / separate
part category
Control accessory
Complementary
Product compatibility
GS
Line Rated Current
160 A
60 A
315 A
63 A
125 A
200 A
250 A
400 A
50 A
100 A
Length
15.75 in (400 mm)
Shaft cross section
10 x 10 mm
Product weight
0.71 lb(US) (0.32 kg)
Ordering and shipping details
Category
22640 - IEC DISCONNECT-GS1,LK3
Discount Schedule
I11
GTIN
00785901126928
Nbr. of units in pkg.
1
Package weight(Lbs)
0.69000000000000006
Returnability
Y
Country of origin
FR
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS (date code: YYWW)
Compliant  - since  0801  -  Schneider Electric declaration of conformity
Schnei-
der Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Product end of life instructions
Need no specific recycling operations
California proposition 65
WARNING: Cancer - www.P65Warnings.ca.gov
Contractual warranty
Warranty period
18 months


Similar Part No. - GS2AE21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS2AE2 SCHNEIDER-GS2AE2 Datasheet
61Kb / 1P
TeSys GS, shaft extension, 10 x 10 x 320 mm, for 100 to 400 A GS2 switches
Aug 11, 2019
More results

Similar Description - GS2AE21

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
logo
Panasonic Semiconductor
EWVYE PANASONIC-EWVYE Datasheet
116Kb / 2P
10 mm GS Sensors
logo
Schneider Electric
GS1DD4 SCHNEIDER-GS1DD4 Datasheet
145Kb / 3P
TeSys GS - switch-disconnector-fuse - 3 P N - 32 A - NFC 10 x 38 mm
Jul 19, 2021
GS1DD3 SCHNEIDER-GS1DD3 Datasheet
172Kb / 3P
TeSys GS - switch-disconnector-fuse - 3 P - 32 A - NFC 10 x 38 mm
Jul 18, 2021
GS2AE2 SCHNEIDER-GS2AE2 Datasheet
61Kb / 1P
TeSys GS, shaft extension, 10 x 10 x 320 mm, for 100 to 400 A GS2 switches
Aug 11, 2019
GS1AE2 SCHNEIDER-GS1AE2 Datasheet
57Kb / 2P
TeSys GS - shaft extension - 320 mm - 30...400 A
Sep 13, 2021
GS1AE7 SCHNEIDER-GS1AE7 Datasheet
72Kb / 2P
TeSys GS - shaft extension - front - 320 mm - 30 A
Sep 13, 2021
GS1DD3 SCHNEIDER-GS1DD3_V01 Datasheet
185Kb / 3P
TeSys GS - switch-disconnectorfuse - 3 P - 32 A - NFC 10 x 38 mm
Jun 30, 2022
GS1DD4 SCHNEIDER-GS1DD4_V01 Datasheet
158Kb / 3P
TeSys GS - switch-disconnectorfuse - 3 P N - 32 A - NFC 10 x 38mm
Jun 30, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com