Electronic Components Datasheet Search
  English  ▼

X  

BAM00WE Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BAM00WE
Description  Reflectors, Fibers, Optics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BAM00WE Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BAM00WE Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Reflectors, Fibers, Optics
BOS R-6-45
Order Code: BAM00WE
Internet
www.balluff.com
eCl@ss 9.1: 27-27-36-01
Subject to change without notice: 550723
ETIM 6.0: EC002467
BAM00WE_0.28_2021-05-14
1 / 1
Basic features
Use
for photoelectric retroreflective
sensors
Version
Reflective foil, micro-pyramids
Environmental conditions
Ambient temperature
-20...60 °C
Material
Housing material
Film
Material sensing surface
PMMA
Mechanical data
Dimension
50 mm x 45 m x 0.3 mm
Mounting part
Self-adhesive
Sensing surface
22850.0 cm²
Optical features
Light type
non-polarized light
Remarks
Film can be cut to desired length.
The degree of reflection is at maximum for vertical light infall.
Possible deviations in the reflector structure have no effect on function.


Similar Part No. - BAM00WE

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM00W4 BALLUFF-BAM00W4 Datasheet
90Kb / 1P
Reflectors, Fibers, Optics
0.24_2021-04-01
BAM00W6 BALLUFF-BAM00W6 Datasheet
144Kb / 1P
Reflectors, Fibers, Optics
0.26_2021-03-31
BAM00W7 BALLUFF-BAM00W7 Datasheet
89Kb / 1P
Reflectors, Fibers, Optics
0.24_2021-03-31
BAM00W8 BALLUFF-BAM00W8 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM00W9 BALLUFF-BAM00W9 Datasheet
127Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-03-31
More results

Similar Description - BAM00WE

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM00UL BALLUFF-BAM00UL Datasheet
105Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-03-31
BAM00WA BALLUFF-BAM00WA Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01NH BALLUFF-BAM01NH Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.36_2021-04-01
BAM0332 BALLUFF-BAM0332 Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-05-20
BFO000C BALLUFF-BFO000C Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00AY BALLUFF-BFO00AY Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C4 BALLUFF-BFO00C4 Datasheet
99Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C8 BALLUFF-BFO00C8 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00E9 BALLUFF-BFO00E9 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.27_2021-04-01
BFO00EA BALLUFF-BFO00EA Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.23_2021-04-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com