Electronic Components Datasheet Search
  English  ▼

X  

COM-10000 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-10000
Description  Black Chicken Head Knob ??14x20mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-10000 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-10000 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
 
BlackChickenHeadKnob‐14x20mm
COM-10000
 
Description: Knobs are a great way to finish off your project and make it easier to adjust the level of
your death ray. This knob mates to a 0.25" shaft with a set screw.
The main body of these knobs have a 14mm, but extend to 32mm overall. They also have a brass
insert for a tighter fit with the shaft.
Dimensions:
14mm high
20mm diameter
6mm depth for shaft
 
 
                                                             https://www.sparkfun.com/products/10000 5‐16‐17 


Similar Part No. - COM-10000

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-10001 SPARKFUN-COM-10001 Datasheet
111Kb / 1P
Silver Metal Knob ??14x24mm
2????8
More results

Similar Description - COM-10000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45KN015-GRX ETC1-45KN015-GRX Datasheet
77Kb / 1P
Knob
45KN024-GRX ETC1-45KN024-GRX Datasheet
83Kb / 1P
Knob
45KN026-GRX ETC1-45KN026-GRX Datasheet
75Kb / 1P
Knob
450-2037-GRX ETC2-450-2037-GRX Datasheet
87Kb / 1P
Knob
1227-K ETC2-1227-K Datasheet
95Kb / 1P
KNOB
1450 ETC2-1450 Datasheet
79Kb / 1P
KNOB
2720-Q ETC2-2720-Q Datasheet
72Kb / 1P
KNOB
2820-B ETC2-2820-B Datasheet
79Kb / 1P
KNOB
3008-W ETC2-3008-W Datasheet
82Kb / 1P
KNOB
logo
SparkFun Electronics
COM-09998 SPARKFUN-COM-09998 Datasheet
101Kb / 1P
Black Knob ??15x19mm
5??6??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com