Electronic Components Datasheet Search
  English  ▼

X  

COM-11274 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-11274
Description  Big Dome Pushbutton - Blue
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-11274 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-11274 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Big Dome Pushbutton - Blue
COM-1 1274
Description: It’s the end of the world, and you need a button to press. This is it. A
100mm diameter (outside diameter) dome illuminated push button comes with an
LED, securing nut and a pre-installed long life horizontal microswitch. Button can also
be adjusted to a low profile button by removing the middle ring.
Features:
• LED indicator light runs at 12VDC
• Bulb holder is easy to install or remove
• 3 Terminals Button Actuator microswitch included
• Microswitch reliability tested to 10,000,000 cycles
• Microswitch can be replaced
• Polycarbonate lens cap for optical clarity
Dimensions:
• 100 mm Diameter x 72 mm Height
• Net weight: 100grams
• Mounting hole diameter: 24 mm
3/14/2017
https://www.sparkfun.com/products/11274


Similar Part No. - COM-11274

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-11275 SPARKFUN-COM-11275 Datasheet
178Kb / 1P
Big Dome Pushbutton - Green
3/14/2017
More results

Similar Description - COM-11274

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DLA-6ID KINGBRIGHT-DLA-6ID Datasheet
178Kb / 4P
20mm BIG LAMP
DLA-6YD KINGBRIGHT-DLA-6YD Datasheet
177Kb / 4P
20mm BIG LAMP
DLC-6SGD KINGBRIGHT-DLC-6SGD Datasheet
175Kb / 4P
20mm BIG LAMP
logo
SunLED Corporation
FUR20D6A SUNLED-FUR20D6A Datasheet
188Kb / 4P
20mm BIG LAMP
logo
MIC GROUP RECTIFIERS
BSOZAA30L MIC-BSOZAA30L Datasheet
20Kb / 1P
BIG SOZA CELL
logo
Mallory performance clu...
556 MALLORY-556 Datasheet
56Kb / 2P
BIG TWIN MOTORCYCLES
logo
Shanghai Lunsure Electr...
BSOZAA30M CHENYI-BSOZAA30M Datasheet
48Kb / 2P
BIG SOZA CELL
BSOZAA40Z CHENYI-BSOZAA40Z Datasheet
48Kb / 2P
BIG SOZA CELL
logo
SparkFun Electronics
COM-09181 SPARKFUN-COM-09181 Datasheet
290Kb / 1P
Big Dome Pushbutton - Red
3/14/2017
COM-11275 SPARKFUN-COM-11275 Datasheet
178Kb / 1P
Big Dome Pushbutton - Green
3/14/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com