Electronic Components Datasheet Search
  English  ▼

X  

COM-11477 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-11477
Description  Lamp Switch - SPST (inline)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-11477 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-11477 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
Lamp Switch - SPST (inline)
COM-11477 RoHS
Description: This inline switch is great when you just want a simple on/off toggle switch that’s
already enclosed. Inside is a simple rocker switch with solder terminals with crimp strain relief.
Attach some wires, solder them in place, and press-fit the enclosure together and you have a clean-
looking switch.
Features:
SPST
6A, 250VAC
Press-Fit Enclosure
Clicky Sound
 
                                                                       https://www.sparkfun.com/products/11477 5‐25‐17 


Similar Part No. - COM-11477

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-11147 SPARKFUN-COM-11147 Datasheet
88Kb / 1P
LED Holder - 5mm (Chrome Finish)
10/8/2015
COM-11148 SPARKFUN-COM-11148 Datasheet
89Kb / 1P
LED Holder - 10mm (Chrome Finish)
8/4/2016
COM-11192 SPARKFUN-COM-11192 Datasheet
141Kb / 1P
Foot Pedal Switch
5??5??7
COM-11222 SPARKFUN-COM-11222 Datasheet
103Kb / 2P
EL Inverter - Battery Pack
11/24/2015
COM-11274 SPARKFUN-COM-11274 Datasheet
278Kb / 1P
Big Dome Pushbutton - Blue
3/14/2017
More results

Similar Description - COM-11477

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSW18066 DAICO-CSW18066 Datasheet
138Kb / 1P
Switch SPST
DSW16282 DAICO-DSW16282 Datasheet
146Kb / 1P
Switch SPST
DSW16285 DAICO-DSW16285 Datasheet
149Kb / 1P
SPST Switch
logo
Spectrum Microwave, Inc...
TWD2215 SPECTRUM-TWD2215 Datasheet
191Kb / 1P
SPST RF Switch
TWD2216 SPECTRUM-TWD2216 Datasheet
58Kb / 1P
SPST RF SWITCH
TWM5000 SPECTRUM-TWM5000 Datasheet
50Kb / 1P
SPST RF SWITCH
TWP2214 SPECTRUM-TWP2214 Datasheet
56Kb / 1P
SPST RF SWITCH
logo
American Accurate Compo...
JXWBKG-T-1-6.5-9.5 AAC-JXWBKG-T-1-6.5-9.5 Datasheet
76Kb / 1P
SPST Switch
logo
M/A-COM Technology Solu...
MASW6020G MA-COM-MASW6020G Datasheet
69Kb / 4P
GaAs SPST Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
SPST Analog Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com