Electronic Components Datasheet Search
  English  ▼

X  

MAX5936LB Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX5936LB
Description  -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5936LB Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5936LB Datasheet HTML 15Page - Maxim Integrated Products MAX5936LB Datasheet HTML 16Page - Maxim Integrated Products MAX5936LB Datasheet HTML 17Page - Maxim Integrated Products MAX5936LB Datasheet HTML 18Page - Maxim Integrated Products MAX5936LB Datasheet HTML 19Page - Maxim Integrated Products MAX5936LB Datasheet HTML 20Page - Maxim Integrated Products MAX5936LB Datasheet HTML 21Page - Maxim Integrated Products MAX5936LB Datasheet HTML 22Page - Maxim Integrated Products MAX5936LB Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
-48V Hot-Swap Controllers with VIN
Step Immunity and No RSENSE
______________________________________________________________________________________
21
Chip Information
TRANSISTOR COUNT: 2320
PROCESS: BiCMOS
Figure 20. VOUT Response to VIN Ramp of 300V/ms
VOUT RESPONSE TO VIN RAMP OF 300V/ms
TIME (
µs)
7
6
4
5
2
3
1
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
08
A
B
dVIN
dt
tCB
tSC
E
F
C
tSTEP
A = VIN (GND - VEE)
B =
∆VSTEP_MON
C =
∆VOUT
D =
∆VSTEP,TH
E =
∆VCB
F =
∆VSC
Figure 21. VOUT Response to VIN Ramp of 30V/ms
VOUT RESPONSE TO VIN RAMP
TIME (
µs)
A
B
tCB
E
F
C
D
A = VIN (GND - VEE)
B =
∆VSTEP_MON
C =
∆VOUT
D =
∆VSTEP,TH
E =
∆VCB
F =
∆VSC
36
32
28
24
20
16
12
8
4
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
040
tSC
tSTEP
Figure 22. VOUT Response to VIN Ramp of 3V/ms
VOUT RESPONSE TO VIN RAMP OF 3V/ms
TIME (
µs)
A = VIN (GND - VEE)
B =
∆VSTEP_MON
C =
∆VOUT
D =
∆VSTEP,TH
E =
∆VCB
F =
∆VSC
400
300
100
200
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0500
A
B
D
E
F
C
tSTEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com