Electronic Components Datasheet Search
  English  ▼

X  

PRT-08233 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # PRT-08233
Description  Polarized Connectors ??Header (2?륯in)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-08233 Datasheet(HTML) 1 Page - SparkFun Electronics

  PRT-08233 Datasheet HTML 1Page - SparkFun Electronics PRT-08233 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
Polarized Connectors ‐ Header (2‐Pin) 
PRT-08233 ROHS
Polarized connectors and headers for your perf board/PCB projects. Use these
connectors for power connections or any sensor/general connection to
prevent users from connecting the peripheral incorrectly or reversed.
This is for the male header. Be sure to order the housing and crimp pins!
Pins have standard 0.1" spacing.
 


Similar Part No. - PRT-08233

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-08022 SPARKFUN-PRT-08022 Datasheet
96Kb / 1P
Hook-up Wire - Black (22 AWG)
3/28/2017
PRT-08023 SPARKFUN-PRT-08023 Datasheet
95Kb / 1P
Hook-up Wire - Red (22 AWG)
3/28/2017
PRT-08024 SPARKFUN-PRT-08024 Datasheet
96Kb / 1P
Hook-up Wire - Yellow (22 AWG)
3/28/2017
PRT-08025 SPARKFUN-PRT-08025 Datasheet
95Kb / 1P
Hook-up Wire - Gray (22 AWG)
3/28/2017
PRT-08026 SPARKFUN-PRT-08026 Datasheet
94Kb / 1P
Hook-up Wire - White (22 AWG)
3/28/2017
More results

Similar Description - PRT-08233

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
Compact & Slim 2 Form C Non-polarized Relay
TK1-1.5V NAIS-TK1-1.5V Datasheet
86Kb / 5P
ULTRA LOW PROFILE 2 AMP. POLARIZED RELAY
logo
fujitsu semiconductor
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
POWER RELAY 2 POLES - 8A Polarized Latching Relay
logo
General Cable Technolog...
04127.60.01 GENERAL-04127.60.01 Datasheet
69Kb / 1P
2-Conductor Polarized
04170.60.02 GENERAL-04170.60.02 Datasheet
64Kb / 1P
2-Conductor Polarized
logo
Tyco Electronics
T83S11D412-24 MACOM-T83S11D412-24 Datasheet
291Kb / 2P
2 POLE, HIGH DIELECTRIC POLARIZED PC BOARD RELAY
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
1-pole/2-pole 16A polarized power relays
logo
Assmann Electronics Inc...
AK500-OE-12-6F ASSMANN-AK500-OE-12-6F Datasheet
141Kb / 1P
L- Polarized; N- No Polarized
logo
Molex Electronics Ltd.
1301440008 MOLEX11-1301440008 Datasheet
40Kb / 1P
Safeway Plug, Polarized, 2 Pole/2 Wire, NEMA 1-15, 125V
logo
SparkFun Electronics
PRT-08100 SPARKFUN-PRT-08100 Datasheet
165Kb / 2P
Polarized Connectors ??Crimp Pins
2??9??0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com