Electronic Components Datasheet Search
  English  ▼

X  

MAX5936AC Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5936AC
Description  -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5936AC Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5936AC Datasheet HTML 1Page - Maxim Integrated Products MAX5936AC Datasheet HTML 2Page - Maxim Integrated Products MAX5936AC Datasheet HTML 3Page - Maxim Integrated Products MAX5936AC Datasheet HTML 4Page - Maxim Integrated Products MAX5936AC Datasheet HTML 5Page - Maxim Integrated Products MAX5936AC Datasheet HTML 6Page - Maxim Integrated Products MAX5936AC Datasheet HTML 7Page - Maxim Integrated Products MAX5936AC Datasheet HTML 8Page - Maxim Integrated Products MAX5936AC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
-48V Hot-Swap Controllers with VIN
Step Immunity and No RSENSE
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VEE, VOUT, PGOOD (PGOOD), LP,
STEP_MON to GND............................................+0.3V to -85V
PGOOD (PGOOD) to VOUT ....................................-0.3V to +85V
PGOOD (PGOOD), LP, STEP_MON to VEE............-0.3V to +85V
GATE to VEE ...........................................................-0.3V to +20V
UVLO to VEE .............................................................-0.3V to +6V
Input Current
LP (internally, duty-cycle limited).........................................1A
PGOOD (PGOOD) (continuous) .....................................80mA
GATE (during 15V clamp, continuous) ...........................30mA
GATE (during 2V clamp, continuous) .............................50mA
GATE (during gate pulldown, continuous)......................50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
ELECTRICAL CHARACTERISTICS
(VEE = -10V to -80V, VIN = GND - VEE, VSTEP_MON =VEE, RLP = 200
Ω, UVLO open, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at VEE = -48V, TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VEE
Referenced to GND
-80
-10
V
Operating Supply Current
ICC
0.95
1.4
mA
VUVLO,R
lVEEl increasing
-33.5
-31.0
-29.5
Default VEE Undervoltage Lockout
VUVLO,F
lVEEl decreasing
-28
V
UVLO Reference Threshold,
VEE Rising
VUVLO_REF,R
VUVLO increasing
1.219
1.25
1.281
V
UVLO Reference Threshold,
VEE Falling
VUVLO_REF,F
VUVLO decreasing
1.069
1.125
1.181
V
UVLO Input Resistance
20
50
k
Ω
UVLO Transient Rejection
tOVREJ
0.8
1.5
2.25
ms
Power-Up Delay (Note 3)
tONDLY
80
220
380
ms
VEE and UVLO Glitch Rejection
(Note 4)
tREJ
0.8
1.5
2.25
ms
VOUT to VEE Leakage Current
VEE = -80V, VOUT = GND
0.01
1µA
LP to VEE Leakage Current
VEE = -80V, VLP = GND
0.01
1µA
VIN = 10V
6.5
6.8
7.2
External Gate-Drive Voltage
VGS
VGATE - VEE
14 ≤ VIN ≤ 80V
8.1
10
12.8
V
ICLAMP = 9mA
13.5
16
MOSFET fully
enhanced
ICLAMP = 20mA
17
19.5
ICLAMP = 1mA
2.1
2.55
GATE to VEE Clamp Voltage
Power-off,
VEE = GND
ICLAMP = 10mA
2.5
2.9
V
Open-Loop Gate-Charge Current
VGATE = VEE, VOUT = GND
-66
-52
-35
µA
VIN > 10V
9
14.1
GATE Pulldown Switch
On-Resistance
RGATE
VGATE - VEE =
500mV
VIN > 14V
7.5
12.5
Ω
Output-Voltage Slew Rate
SR
l dVOUT/dt l
2.4
9
14.8
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com