Electronic Components Datasheet Search
  English  ▼

X  

AFE7950IALK Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7950IALK
Description  AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7950IALK Datasheet(HTML) 2 Page - Texas Instruments

  AFE7950IALK Datasheet HTML 1Page - Texas Instruments AFE7950IALK Datasheet HTML 2Page - Texas Instruments AFE7950IALK Datasheet HTML 3Page - Texas Instruments AFE7950IALK Datasheet HTML 4Page - Texas Instruments AFE7950IALK Datasheet HTML 5Page - Texas Instruments AFE7950IALK Datasheet HTML 6Page - Texas Instruments AFE7950IALK Datasheet HTML 7Page - Texas Instruments AFE7950IALK Datasheet HTML 8Page - Texas Instruments AFE7950IALK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
4 Description (continued)
Each receiver chain includes a 25-dB range DSA (Digital Step Attenuator), followed by a 3-GSPS ADC (analog-
to-digital converter). Each receiver channel has an analog peak power detector and various digital power
detectors to assist an external or internal autonomous automatic gain controller, and RF overload detectors for
device reliability protection. Flexible decimation options provide optimization of data bandwidth up to 1200 MHz
for four RX without FB paths or 600 MHz with two FB paths (1200 MHz BW each).
AFE7950
SBASA41A – FEBRUARY 2021 – REVISED SEPTEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AFE7950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com