Electronic Components Datasheet Search
  English  ▼

X  

SMS2916PI-A Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SMS2916PI-A
Description  Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMS2916PI-A Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SMS2916PI-A Datasheet HTML 8Page - List of Unclassifed Manufacturers SMS2916PI-A Datasheet HTML 9Page - List of Unclassifed Manufacturers SMS2916PI-A Datasheet HTML 10Page - List of Unclassifed Manufacturers SMS2916PI-A Datasheet HTML 11Page - List of Unclassifed Manufacturers SMS2916PI-A Datasheet HTML 12Page - List of Unclassifed Manufacturers SMS2916PI-A Datasheet HTML 13Page - List of Unclassifed Manufacturers SMS2916PI-A Datasheet HTML 14Page - List of Unclassifed Manufacturers SMS2916PI-A Datasheet HTML 15Page - List of Unclassifed Manufacturers SMS2916PI-A Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SMS2916
13
2028-02 4/24/98
Preliminary
Frequently the supervisory circuit will be deployed on a PC board that provides a peripheral function to a system.
Examples might be modem or network cards in a PC or a PCMCIA card in a laptop. In instances like this the peripheral
card may have a requirement for a clean reset function to insure proper operation. The system may or may not provide
a reset pulse of sufficient duration to clear the peripheral or to protect data stored in a nonvolatile memory.
The I/O capability of the RESET pins can provide a solution. The system’s reset signal to the peripheral can be fed
into the SMS2916 and it in turn can clean up the signal and provide a known entity to the peripheral’s circuits. The
figure below shows the basic timing characteristics under the assumption the reset input is shorter in duration than
tPURST. The same reset output affect can be attained by using the active high reset input.
If you happen to be using one of the more common supervisory circuits like a 1232, you might consider reducing your
component count such as illustrated below.
RESET
Input
RESET
Output
RESET
Output
2028 ILL16.0
t PURST
+5VDC
PBRST
TOL
GND
RST
RST
ST
+5VDC
ALE
RST
8051 Family Part
SCL
SDA
I/O
I/O
Vcc
24C16
RST
RST
VCC
RST
8051 Family Part
SCL
SDA
I/O
I/O
SMS2916
From This
To This
1232
ALE
WDI
GND
GND
2028 ILL18.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com