Electronic Components Datasheet Search
  English  ▼

X  

ISO6760 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6760
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6760 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO6760 Datasheet HTML 20Page - Texas Instruments ISO6760 Datasheet HTML 21Page - Texas Instruments ISO6760 Datasheet HTML 22Page - Texas Instruments ISO6760 Datasheet HTML 23Page - Texas Instruments ISO6760 Datasheet HTML 24Page - Texas Instruments ISO6760 Datasheet HTML 25Page - Texas Instruments ISO6760 Datasheet HTML 26Page - Texas Instruments ISO6760 Datasheet HTML 27Page - Texas Instruments ISO6760 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
Data Rate (Mbps)
0
10
20
30
40
50
4
6
8
10
12
14
ICC1 at 1.8 V
ICC2 at 1.8 V
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
TA = 25°C
CL = 15 pF
Figure 6-9. ISO6763 Supply Current vs Data Rate
(With 15-pF Load)
Data Rate (Mbps)
0
10
20
30
40
50
4
5
6
7
8
9
ICC1 at 1.8 V
ICC2 at 1.8 V
ICC1 at 2.5 V
ICC2 at 2.5 V
ICC1 at 3.3 V
ICC2 at 3.3 V
ICC1 at 5 V
ICC2 at 5 V
TA = 25°C
CL = No Load
Figure 6-10. ISO6763 Supply Current vs Data Rate
(With No Load)
High-Level Output Current (mA)
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
VCC1 at 1.8 V
VCC2 at 2.5 V
VCC1 at 3.3 V
VCC2 at 5 V
TA = 25°C
Figure 6-11. High-Level Output Voltage vs High-
level Output Current
Free-Air Temperature ( C)
-55
-35
-15
5
25
45
65
85
105
125
8
9
10
11
12
13
14
15
16
17
tPHL at 1.8 V
tPLH at 1.8 V
tPHL at 2.5 V
tPLH at 2.5 V
tPHL at 3.3 V
tPLH at 3.3 V
tPHL at 5 V
tPLH at 5V
Figure 6-12. Propagation Delay Time vs Free-Air
Temperature
Free-Air Temperature ( C)
-55
-5
45
95
125
1.2
1.25
1.3
1.35
1.4
1.45
1.5
1.55
1.6
1.65
VCC1 +
VCC1 -
VCC2 +
VCC2 -
Figure 6-13. Power Supply Undervoltage Threshold
vs Free-Air Temperature
Low-Level Output Current (mA)
0
5
10
15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VCC1 at 1.8 V
VCC2 at 2.5 V
VCC1 at 3.3 V
VCC2 at 5 V
TA = 25°C
Figure 6-14. Low-Level Output Voltage vs Low-
Level Output Current
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0C – AUGUST 2021 – REVISED NOVEMBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com