Electronic Components Datasheet Search
  English  ▼

X  

ISO6763F Datasheet(PDF) 41 Page - Texas Instruments

Part # ISO6763F
Description  ISO676x General-Purpose Six-Channel Reinforced Digital Isolators with Robust EMC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6763F Datasheet(HTML) 41 Page - Texas Instruments

Back Button ISO6763F Datasheet HTML 37Page - Texas Instruments ISO6763F Datasheet HTML 38Page - Texas Instruments ISO6763F Datasheet HTML 39Page - Texas Instruments ISO6763F Datasheet HTML 40Page - Texas Instruments ISO6763F Datasheet HTML 41Page - Texas Instruments ISO6763F Datasheet HTML 42Page - Texas Instruments ISO6763F Datasheet HTML 43Page - Texas Instruments ISO6763F Datasheet HTML 44Page - Texas Instruments ISO6763F Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
13.2 Tape and Reel Information
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Reel
Diameter
User Direction of Feed
P1
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
ISO6760DWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.0
Q1
ISO6760FDWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.0
Q1
ISO6761FDWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.0
Q1
ISO6761DWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.0
Q1
ISO6762FDWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.0
Q1
ISO6762DWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.0
Q1
ISO6763FDWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.0
Q1
ISO6763DWR
SOIC
DW
16
2000
330.0
24.4
10.9
10.7
2.7
12.0
24.0
Q1
www.ti.com
ISO6760, ISO6761, ISO6762, ISO6763
SLLSFK0C – AUGUST 2021 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: ISO6760 ISO6761 ISO6762 ISO6763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com