Electronic Components Datasheet Search
  English  ▼

X  

ISO6720 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6720
Description  ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Automotive Digital Isolators with Robust EMC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6720 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO6720 Datasheet HTML 18Page - Texas Instruments ISO6720 Datasheet HTML 19Page - Texas Instruments ISO6720 Datasheet HTML 20Page - Texas Instruments ISO6720 Datasheet HTML 21Page - Texas Instruments ISO6720 Datasheet HTML 22Page - Texas Instruments ISO6720 Datasheet HTML 23Page - Texas Instruments ISO6720 Datasheet HTML 24Page - Texas Instruments ISO6720 Datasheet HTML 25Page - Texas Instruments ISO6720 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
7.21 Insulation Characteristics Curves
Ambient Temperature ( C)
0
20
40
60
80
100
120
140
160
0
200
400
600
800
Vcc = 5.5 V
Vcc = 3.6 V
Vcc = 2.75 V
Vcc = 1.89 V
Figure 7-1. Thermal Derating Curve for Safety
Limiting Current for D-8 Package - ISO672x
Ambient Temperature ( C)
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
1200
1400
Figure 7-2. Thermal Derating Curve for Safety
Limiting Power for D-8 Package - ISO672x
Ambient Temperature ( C)
0
20
40
60
80
100
120
140
160
0
200
400
600
800
Vcc = 5.5 V
Vcc = 3.6 V
Vcc = 2.75 V
Vcc = 1.89 V
Figure 7-3. Thermal Derating Curve for Safety
Limiting Current for D-8 Package - ISO6721R
Ambient Temperature ( C)
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
1200
1400
Figure 7-4. Thermal Derating Curve for Safety
Limiting Power for D-8 Package - ISO6721R
Ambient Temperature ( C)
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
Vcc = 5.5 V
Vcc = 3.6 V
Vcc = 2.75 V
Vcc = 1.89 V
Figure 7-5. Thermal Derating Curve for Safety
Limiting Current for DWV-8 Package - ISO672x
Ambient Temperature ( C)
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
1200
1400
1600
Figure 7-6. Thermal Derating Curve for Safety
Limiting Power for DWV-8 Package - ISO672x
ISO6720-Q1, ISO6721-Q1, ISO6721R-Q1
SLLSFF5F – JANUARY 2020 – REVISED NOVEMBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO6720-Q1 ISO6721-Q1 ISO6721R-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com