Electronic Components Datasheet Search
  English  ▼

X  

LP8733 Datasheet(PDF) 39 Page - Texas Instruments

Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP8733_V03 Datasheet HTML 35Page - Texas Instruments LP8733_V03 Datasheet HTML 36Page - Texas Instruments LP8733_V03 Datasheet HTML 37Page - Texas Instruments LP8733_V03 Datasheet HTML 38Page - Texas Instruments LP8733_V03 Datasheet HTML 39Page - Texas Instruments LP8733_V03 Datasheet HTML 40Page - Texas Instruments LP8733_V03 Datasheet HTML 41Page - Texas Instruments LP8733_V03 Datasheet HTML 42Page - Texas Instruments LP8733_V03 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
SCL
SDA
tLOW
trCL
tHD;DAT
tHIGH
tfCL
tSU;DAT
tSU;STA
tSU;STO
START
REPEATED
START
STOP
tHD;STA
START
tSP
trDA
tBUF
tfDA
tHD;STA
S
RS
P
S
Figure 7-18. I2C-Compatible Timing
7.5.1.3 Transferring Data
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) transferred first.
Each byte of data has to be followed by an acknowledge bit. The acknowledge-related clock pulse is generated
by the master. The master releases the SDA line (HIGH) during the acknowledge clock pulse. The LP8733xx
pulls down the SDA line during the 9th clock pulse, signifying an acknowledge. The LP8733xx generates an
acknowledge after each byte has been received.
There is one exception to the acknowledge after every byte rule. When the master is the receiver, it must
indicate to the transmitter an end of data by not-acknowledging (negative acknowledge) the last byte clocked out
of the slave. This negative acknowledge still includes the acknowledge clock pulse (generated by the master),
but the SDA line is not pulled down.
Note
If the V(VANA) voltage is below the VANAUVLO threshold level during I2C communication, the LP8733xx
device does not drive SDA line. The ACK signal and data transfer to the master is disabled at that
time.
After the START condition, the bus master sends a chip address. This address is seven bits long, followed by
an eighth bit, which is a data direction bit (READ or WRITE). For the eighth bit, a 0 indicates a WRITE, and a 1
indicates a READ. The second byte selects the register to which the data will be written. The third byte contains
data to write to the selected register.
START
MSB Chip Address LSB
ACK from slave
ACK from slave
ACK from slave
SCL
SDA
START
id = 0x60
W ACK
address = 0x40
ACK
ACK
address 0x40 data
STOP
W ACK MSB Register Address LSB ACK
MSB
Data LSB
ACK STOP
Figure 7-19. Write Cycle (w = write; SDA = 0). Example Device Address = 0x60
www.ti.com
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com