Electronic Components Datasheet Search
  English  ▼

X  

LP8733 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 32Page - Texas Instruments LP8733 Datasheet HTML 33Page - Texas Instruments LP8733 Datasheet HTML 34Page - Texas Instruments LP8733 Datasheet HTML 35Page - Texas Instruments LP8733 Datasheet HTML 36Page - Texas Instruments LP8733 Datasheet HTML 37Page - Texas Instruments LP8733 Datasheet HTML 38Page - Texas Instruments LP8733 Datasheet HTML 39Page - Texas Instruments LP8733 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
7.3.8.4 Fault (Power Down)
7.3.8.4.1 Undervoltage Lockout
When the input voltage falls below the VANAUVLO at the VANA pin, the buck and LDO regulators are disabled
immediately (without switching ramp and shutdown delays), the output capacitor is discharged using the
pulldown resistor, and the LP8733xx-Q1 device enters SHUTDOWN. When the V(VANA) voltage is above the
VANAUVLO threshold level, the device powers up to STANDBY state.
If the reset interrupt is unmasked by default (OTP bit for RESET_REG_MASK is 0 in TOP_MASK_2 register),
then the RESET_REG_INT interrupt bit in the INT_TOP_2 register indicates that the device has been in
SHUTDOWN. The host processor must clear the interrupt by writing 1 to the RESET_REG_INT bit. If the host
processor reads the RESET_REG_INT interrupt bit after detecting an nINT low signal, then it detects that the
input supply voltage has been below the VANAUVLO level (or the host has requested reset with the SW_RESET
bit in the RESET register), and the registers are reset to default values.
7.3.9 Operation of the GPO Signals
The LP8733xx-Q1 device supports up to two general purpose output signals, GPO and GPO2. The GPO2 signal
is multiplexed with the CLKIN signal. The selection between the CLKIN and GPO2 pin function is set with the
CLKIN_PIN_SEL bit in the CONFIG register.
The GPO pins are configured with the following bits:
• The GPOx_OD bit in The GPO_CTRL register defines the type of the output, either push-pull with V(VANA)
level or open drain.
The logic level of the GPOx pin is set by the EN_GPOx bit in the GPO_CTRL register.
The control of the GPOs can be included to start-up and shutdown sequences. The GPO control for a sequence
with an EN pin is selected by the GPOx_EN_PIN_CTRL bit in the GPO_CTRL register. For start-up and
shutdown sequence control, see Section 7.3.6.
7.3.10 Digital Signal Filtering
The digital signals have a debounce filtering. The signal or supply is sampled with a clock signal and a counter.
This results as an accuracy of one clock period for the debounce window.
Table 7-5. Digital Signal Filtering
EVENT
SIGNAL/SUPPLY
RISING EDGE
FALLING EDGE
LENGTH
LENGTH
Enable/disable for BUCKx,
LDOx or GPOx
EN
3 µs(1)
3 µs(1)
VANA UVLO
VANA
3 µs(1) (VANA voltage rising)
Immediate (VANA voltage falling)
VANA overvoltage
VANA
1 µs (VANA voltage rising)
20 µs (VANA voltage falling)
Thermal warning
TDIE_WARN_INT
20 µs
20 µs
Thermal shutdown
TDIE_SD_INT
20 µs
20 µs
Current limit
VOUTx_ILIM
20 µs
20 µs
Overload
FB_B0, FB_B1,
VOUT_LDO0, VOUT_LDO1
1 ms
N/V
PGOOD pin and power-good
interrupt
PGOOD / FB_B0, FB_B1,
VOUT_LDO0, VOUT_LDO1
6 µs
6 µs
(1)
No glitch filtering, only synchronization.
LP8733-Q1
SNVSB64A – JUNE 2019 – REVISED JUNE 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com