Electronic Components Datasheet Search
  English  ▼

X  

LT3468 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3468
Description  Capacitor Charger Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3468 Datasheet(HTML) 2 Page - Analog Devices

  LT3468 Datasheet HTML 1Page - Analog Devices LT3468 Datasheet HTML 2Page - Analog Devices LT3468 Datasheet HTML 3Page - Analog Devices LT3468 Datasheet HTML 4Page - Analog Devices LT3468 Datasheet HTML 5Page - Analog Devices LT3468 Datasheet HTML 6Page - Analog Devices LT3468 Datasheet HTML 7Page - Analog Devices LT3468 Datasheet HTML 8Page - Analog Devices LT3468 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3750A
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC, VTRANS, GATE, DONE, CHARGE ........................24V
RBG .........................................................................1.5V
SOURCE......................................................................1V
Current into RDCM Pin........................................... ±1mA
Current into RVOUT Pin .......................................... ±1mA
Current into DONE Pin ........................................... ±1mA
Operating Temperature Range (Note 2)....–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
1
2
3
4
5
VTRANS
DONE
CHARGE
VCC
GND
10
9
8
7
6
RBG
RVOUT
RDCM
GATE
SOURCE
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 160°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3750AEMS#PBF
LT3750AEMS#TRPBF
LTHNS
10-Lead Plastic MSOP
–40°C to 85°C
Contact the factory for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum VCC
l
2.8
3
V
Minimum VTRANS
l
2.5
3
V
VCC Quiescent Current
Not Switching, CHARGE = 5V
Not Switching, CHARGE = 0V
1.6
2.5
1
mA
µA
VTRANS Quiescent Current
Not Switching, CHARGE = 5V
Not Switching, CHARGE = 0V
140
250
1
µA
µA
CHARGE Pin Current
CHARGE = 24V
CHARGE = 5V
CHARGE = 0V
24
19
1
µA
µA
µA
CHARGE Pin Enable Voltage
l
0.87
1.1
V
CHARGE Pin Disable Voltage
DC Threshold
Dynamic Threshold (Note 3)
l
l
0.2
30
0.6
60
V
mV
Minimum CHARGE Pin Low Time
High→Low→High
20
µs
VOUT Comparator Trip Voltage
Measured RBG Pin
l
1.215
1.24
1.265
V
VOUT Comparator Overdrive
1µs Pulse Width, Measured on RBG Pin
30
mV
RBG Pin Bias Current
RBG = 1.2V
70
500
nA
DCM Comparator Trip Voltage
Measured as VDRAIN – VTRANS, RDCM = 43k (Note 4)
l
5
36
80
mV
Current Limit Comparator Trip Voltage
l
68
78
88
mV
DONE Output Signal High
100kΩ to 5V
4.9
5
V
DONE Output Signal Low
100kΩ to 5V
0.1
0.2
V
DONE Pin Leakage Current
DONE = 2.5V
0.2
µA
NMOS Minimum On Time
0.6
µs
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VTRANS = 5V unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com