Electronic Components Datasheet Search
  English  ▼

X  

MPB04 Datasheet(PDF) 1 Page - CUI INC

Part # MPB04
Description  MINI PUSH BUTTON SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MPB04 Datasheet(HTML) 1 Page - CUI INC

  MPB04 Datasheet HTML 1Page - CUI INC MPB04 Datasheet HTML 2Page - CUI INC MPB04 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 06/03/2021
page 1 of 3
cuidevices.com
SERIES: MPB04
│ DESCRIPTION: MINI PUSH BUTTON SWITCH
FEATURES
• double pole
• through hole
• cap options
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
28
Vdc
rated current
14
mA
withstanding voltage
for 1 minute
500
Vac
contact resistance
50
mΩ
insulation resistance
at 500 Vdc
500
MΩ
operating force
250
350
450
gf
actuator travel
1.1
mm
operating temperature
-25
80
°C
life
20,000
cycles
flammability rating
see material table
RoHS
yes
packaging
tray QTY: 100 pcs per tray
box QTY: 1,200 pcs per box
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 3 seconds
350
°C
wave soldering
for maximum 5 seconds
270
°C
Note: *Actuator cap only on 5.4 mm actuator height versions.
PART NUMBER KEY
Base Number
MPB04 - 2 X XX - S - XXX - XX - D
Circuit Type:
C = DPDT: ON-(ON)
Actuator Height:
33 = 3.3 mm
54 = 5.4 mm
*Actuator Cap Color:
“blank” = Without Cap
CAP-BK = Black
CAP-R = Red
CAP-WT = White
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - MPB04

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
MPB04 SAMESKY-MPB04 Datasheet
251Kb / 3P
MINI PUSH BUTTON SWITCH
09/12/2024
More results

Similar Description - MPB04

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB001PA06A1UB CWIND-GPB001PA06A1UB Datasheet
569Kb / 1P
MINI PUSH BUTTON
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
PUSH BUTTON SWITCH
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
CUI INC
MPB01 CUI-MPB01 Datasheet
467Kb / 6P
MINI PUSH BUTTON SWITCH
MPB02 CUI-MPB02 Datasheet
380Kb / 4P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB03 CUI-MPB03 Datasheet
351Kb / 3P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB-CAP CUI-MPB-CAP Datasheet
275Kb / 2P
MINI PUSH BUTTON SWITCH CAP
06/03/2021
MPB05 CUI-MPB05 Datasheet
353Kb / 3P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB06 CUI-MPB06 Datasheet
423Kb / 4P
MINI PUSH BUTTON SWITCH
06/03/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com