Electronic Components Datasheet Search
  English  ▼

X  

8097178 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8097178
Description  Servo motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8097178 Datasheet(HTML) 2 Page - Festo Corporation.

  8097178 Datasheet HTML 1Page - Festo Corporation. 8097178 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Certification
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
As per EU RoHS directive
Certificate issuing authority
UL E342973
UL E342973
Nominal operating voltage DC
300 V
DC nominal voltage
300 V
Type of winding switch
Star inside
Number of pole pairs
3
Stall torque
0.7 Nm
Nominal torque
0.64 Nm
Peak torque
1.92 Nm
Nominal rotary speed
3000 1/min
Max. rotational speed
6000 1/min
Max. mechanical speed
10000 1/min
Motor nominal power
200 W
Continuous stall current
1.5 A
Motor nominal current
1.4 A
Peak current
4.2 A
Motor constants
0.48 Nm/A
Voltage constant, phase-to-phase
29 mVmin
Phase-phase winding resistance
11.2 Ohm
Winding inductance phase-phase
20.9 mH
Electric time constant
1.87 ms
Measuring flange
255 x 255 x 8 mm, aluminum
Total output inertia moment
0.234 kgcm²
Product weight
1400 g
Permissible axial shaft load
90 N
Permissible radial shaft load
180 N
Rotor position sensor
Absolute encoder, multi-turn
Rotor position sensor for manufacturer designation
MAR-MX50AHN00
Rotor position encoder for absolutely detectable revolutions
65536
Rotor position sensor interface
Nikon A-format
Rotor position sensor measuring principle
Optical
Rotor position encoder for DC operating voltage
5 V
Rotor position encoder for DC operating voltage range
4.75 V ... 5.25 V
Rotor position encoder for positional values per revolution
1048576
Rotor position sensor resolution
20 bit
Rotor position encoder system accuracy angle measurement
-120 arcsec ... 120 arcsec
Brake holding torque
1.3 Nm
Brake DC operating voltage
24 V
Brake power consumption
7.2 W
1/12/22 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com