Electronic Components Datasheet Search
  English  ▼

X  

M62707ML Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62707ML
Description  VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62707ML Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62707ML Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62707ML Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62707ML Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M62707ML,SL
MITSUBISHI Dig./Ana.INTERFACE
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
(
/ 3 )
PRELIMINARY
PRELIMINARY
Notice:This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
FUNCTION DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, Unless otherwise noted)
OUTPUT
UNDEFINED
0.65V
2.39V
Symbol
Parameter
Test condition
Ratings
Unit
ICC
Isink
VO
Pd
Topr
Tstg
Supply Voltage
Output Sink Current
Output Voltage
Power Dissipation
Thermal Derating
Operating Temperature
Storage Temperature
3pin SIL
Output with constant current load
3pin FLAT
Ta
≥25°C
3PIN SIL
3PIN FLAT
7
6
VCC
500
7
5
-30 to +85
-40 to +125
V
mA
700
V
mW
mW/°C
°C
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, Unless otherwise noted)
Symbol
Parameter
Test condition
Limits
Unit
VS
∆VS
VS/
∆T
ICC
Vsat
VOPL
IOC
Detecting Voltage
VCC=2.7V
2.39
80
0.01
6
3
MIN
TYP
MAX
VOH
tPHL
tPLH
Hysterisis Voltage
Circut Current
Output Saturation Voltage
Threshold
Operating Voltage
Output Load Current
Output HIGH Voltage
Propagation Deray Time
Detecting Voltage
Temperature Coefficient
VCC=2V,Isink=4mA
Minimum supply voltage
for IC operation
RL=2.2k
Ω,Vsat≤0.4V
RL=100k
Ω,Vsat≤0.4V
VCC=2V,VO=1/2VCC
Response time when Vcc changes H to L
Response time when Vcc changes L to H
2.28
50
-40
VCC-0.2
VCC-0.06
-25
0.6
0.7
0.2
200
2.50
110
320
0.4
0.8
0.7
-17
V
mV
%/°C
µA
V
V
V
µs
µA
H
L
OUTPUT
STATE
SUPPLY
VOLTAGE
2
K0
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com