Electronic Components Datasheet Search
  English  ▼

X  

PRT-11293 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # PRT-11293
Description  MicroRax - Knuckle Hinge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-11293 Datasheet(HTML) 1 Page - SparkFun Electronics

  PRT-11293 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Retired Product
This product has been retired from our catalog and is no longer for sale. This
page is made available for those looking for datasheets and the simply curious.
MicroRax - Knuckle Hinge
PRT-11 293
images are CC BY-NC-SA 3.0
Description: MicroRAX is a miniature light-weight T-Slot style building system.
Suitable for use on your desktop or bench top to build science, engineering, or
advanced hobby and DIY projects.
The knuckle hinge allows beams to pivot end-to-end with about 90 degrees of
rotation. The bushing that connects the joint works with a 3mm OD shaft if you want
to run a shaft through several joints.
We are selling these as single joints so you’ll need two of these to make a full knuckle
(one per side).
Features:
• +/- 90 degrees of rotation
• Bushing works with 3mm OD shafting
• Need 2 to build a complete knuckle
2/3/2016
https://www.sparkfun.com/products/retired/11293


Similar Part No. - PRT-11293

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-11292 SPARKFUN-PRT-11292 Datasheet
95Kb / 1P
MicroRax - Elbow Hinge
2/3/2016
More results

Similar Description - PRT-11293

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DW-80-50-Y-AB-G FESTO-DW-80-50-Y-AB-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-75-Y-A FESTO-DW-80-75-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DW-80-100-Y-AB FESTO-DW-80-100-Y-AB Datasheet
83Kb / 2P
Hinge cylinder
DW-80-100-Y-G FESTO-DW-80-100-Y-G Datasheet
83Kb / 2P
Hinge cylinder
DW-80-125-Y-A FESTO-DW-80-125-Y-A Datasheet
86Kb / 2P
Hinge cylinder
DWA-50-100-Y-AB-G FESTO-DWA-50-100-Y-AB-G Datasheet
85Kb / 2P
Hinge cylinder
DWA-50-100-Y-A-G FESTO-DWA-50-100-Y-A-G Datasheet
88Kb / 2P
Hinge cylinder
DWA-50-125-Y-A-G FESTO-DWA-50-125-Y-A-G Datasheet
89Kb / 2P
Hinge cylinder
DWA-50-75-Y-AB FESTO-DWA-50-75-Y-AB Datasheet
84Kb / 2P
Hinge cylinder
logo
SparkFun Electronics
PRT-11292 SPARKFUN-PRT-11292 Datasheet
95Kb / 1P
MicroRax - Elbow Hinge
2/3/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com