Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS164 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS164
Description  SN74HCS164 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS164 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS164 Datasheet HTML 1Page - Texas Instruments SN74HCS164 Datasheet HTML 2Page - Texas Instruments SN74HCS164 Datasheet HTML 3Page - Texas Instruments SN74HCS164 Datasheet HTML 4Page - Texas Instruments SN74HCS164 Datasheet HTML 5Page - Texas Instruments SN74HCS164 Datasheet HTML 6Page - Texas Instruments SN74HCS164 Datasheet HTML 7Page - Texas Instruments SN74HCS164 Datasheet HTML 8Page - Texas Instruments SN74HCS164 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
5 Pin Configuration and Functions
A
B
GND
QE
CLR
CLK
QA
QB
QC
QD
VCC
QH
QG
QF
D, PW or DYY Package
16-Pin SOIC, TSSOP or SOT-23-THIN
Top View
B
QA
QB
QC
QD
GND
QH
QG
QF
QE
CLR
CLK
PAD
A
VCC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
BQA Package
16-Pin WQFN
Top View
PIN
I/O
DESCRIPTION
SOIC, TSSOP or
SOT-23-THIN NO.
NAME
1
A
I
Serial input A
2
B
I
Serial input B
3
QA
O
Parallel output A
4
QB
O
Parallel output B
5
QC
O
Parallel output C
6
QD
O
Parallel output D
7
GND
—
Ground
8
CLK
I
Clock, rising edge triggered
9
CLR
I
Clear 1 Active-Low
10
QE
O
Parallel output E
11
QF
O
Parallel output F
12
QG
O
Parallel output G
13
QH
O
Parallel output H
14
VCC
—
Positive supply
Thermal Pad
(1)
—
The thermal pad can be connected to GND or left floating. Do not connect to any
other signal or supply
(1)
BQA Package only.
www.ti.com
SN74HCS164
SCLS827B – AUGUST 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com