Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS157 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS157
Description  SN74HCS157-Q1 Automotive Quadruple 2-to-1 Multiplexer with Schmitt-Trigger Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS157 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS157 Datasheet HTML 1Page - Texas Instruments SN74HCS157 Datasheet HTML 2Page - Texas Instruments SN74HCS157 Datasheet HTML 3Page - Texas Instruments SN74HCS157 Datasheet HTML 4Page - Texas Instruments SN74HCS157 Datasheet HTML 5Page - Texas Instruments SN74HCS157 Datasheet HTML 6Page - Texas Instruments SN74HCS157 Datasheet HTML 7Page - Texas Instruments SN74HCS157 Datasheet HTML 8Page - Texas Instruments SN74HCS157 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
4A
4Y
3A
V
CC
15
16
1A
1B
1Y
2A
G
3Y
3B
4B
A/B
2B
2Y
D or PW Package
16-Pin SOIC or TSSOP
Top View
1A
1B
1Y
2A
2B
2Y
GND
G
4A
4B
4Y
3A
3Y
3B
PAD
A/B
V
CC
2
3
4
5
6
7
8
15
14
13
12
11
10
9
1
16
WBQB Package
16-Pin WQFN
Top View
Pin Functions
PIN
I/O
(1)
DESCRIPTION
SOIC or
TSSOP NO.
NAME
1
A/B
I
Address select
2
1A
I
Channel 1, data input A
3
1B
I
Channel 1, data input B
4
1Y
I
Channel 1, data output
5
2A
O
Channel 2, data input A
6
2B
O
Channel 2, data input B
7
2Y
I
Channel 2, data output
8
GND
—
Ground
9
3Y
I
Channel 3, data output
10
3B
I
Channel 3, data input B
11
3A
I
Channel 3, data input A
12
4Y
I
Channel 4, data output
13
4B
I
Channel 4, data input B
14
4A
I
Channel 4, data input A
15
G
I
Output strobe, active low
16
VCC
—
Positive supply
Thermal Pad(2)
—
The thermal pad can be connected to GND or left floating. Do not connect to any other
signal or supply.
(1)
Signal Types: I = Input, O = Output, I/O = Input or Output.
(2)
WBQB package only.
www.ti.com
SN74HCS157-Q1
SCLS820A – AUGUST 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS157-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com