Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS164DYYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS164DYYR
Description  SN74HCS164 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS164DYYR Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS164DYYR Datasheet HTML 1Page - Texas Instruments SN74HCS164DYYR Datasheet HTML 2Page - Texas Instruments SN74HCS164DYYR Datasheet HTML 3Page - Texas Instruments SN74HCS164DYYR Datasheet HTML 4Page - Texas Instruments SN74HCS164DYYR Datasheet HTML 5Page - Texas Instruments SN74HCS164DYYR Datasheet HTML 6Page - Texas Instruments SN74HCS164DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS164DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS164DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
SN74HCS164 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Output expansion
• LED matrix control
• 7-segment display control
• 8-bit data storage
3 Description
The SN74HCS164 device contains an 8-bit shift
register with AND-gated serial inputs and an
asynchronous clear ( CLR) input. The gated serial (A
and B) inputs permit complete control over incoming
data; a low at either input inhibits entry of the new
data and resets the first flip-flop to the low level at
the next clock (CLK) pulse. A high-level input enables
the other input, which then determines the state of the
first flip-flop. Data at the serial inputs can be changed
while CLK is high or low, provided the minimum
set-up time requirements are met. Clocking occurs
on the low-to-high-level transition of CLK. All inputs
include Schmitt-triggers, eliminating any erroneous
data outputs due to slow-edged or noisy input signals.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS164PW
TSSOP (14)
5.00 mm × 4.40 mm
SN74HCS164D
SOIC (14)
8.65 mm × 3.91 mm
SN74HCS164BQA
WQFN (14)
3.00 mm × 2.50 mm
SN74HCS164DYY
SOT-23-THIN (14)
2.00 mm × 4.20 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
SN74HCS164
SCLS827B – AUGUST 2020 – REVISED DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS164DYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS164DYY-Q1 TI-SN74HCS164DYY-Q1 Datasheet
2Mb / 34P
SN74HCS164-Q1 Automotive 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
REVISED OCTOBER 2021
SN74HCS164DYY-Q1 TI-SN74HCS164DYY-Q1 Datasheet
2Mb / 32P
SN74HCS164-Q1 Automotive 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
DECEMBER 2021
More results

Similar Description - SN74HCS164DYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HCS164-Q1 TI1-SN74HCS164-Q1 Datasheet
942Kb / 23P
SN74HCS164-Q1 Automotive 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
SN74HCS264-Q1 TI1-SN74HCS264-Q1 Datasheet
1Mb / 22P
SN74HCS264-Q1 Automotive 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs and Inverted Outputs
SN74HCS164 TI-SN74HCS164 Datasheet
1Mb / 24P
SN74HCS164 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
SN74HCS264 TI-SN74HCS264 Datasheet
1Mb / 23P
SN74HCS264 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs and Inverted Outputs
SN74HCS166 TI-SN74HCS166 Datasheet
1Mb / 26P
SN74HCS166 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
SN74HCS164 TI-SN74HCS164_V01 Datasheet
1Mb / 26P
SN74HCS164 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
SN74HCS164-Q1 TI-SN74HCS164-Q1_V01 Datasheet
1Mb / 29P
SN74HCS164-Q1 Automotive 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
SN74HCS164-Q1 TI-SN74HCS164-Q1_V02 Datasheet
2Mb / 34P
SN74HCS164-Q1 Automotive 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
REVISED OCTOBER 2021
SN74HCS164-Q1 TI-SN74HCS164-Q1_V03 Datasheet
2Mb / 32P
SN74HCS164-Q1 Automotive 8-Bit Parallel-Out Serial Shift Registers With Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com