Electronic Components Datasheet Search
  English  ▼

X  

20122006 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 20122006
Description  Test adapter - PAIS-4-P/P GY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

20122006 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  20122006 Datasheet HTML 1Page - PHOENIX CONTACT 20122006 Datasheet HTML 2Page - PHOENIX CONTACT 20122006 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/3032794
09/12/2020   Page 1 / 3
Test adapter - PAIS-4-P/P GY - 3032794
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Test adapter, For 4 mm test plugs, color: gray
Your advantages
 Reliable contacting of test plugs with a 4 mm diameter in the function shaft
 Test adapter for accommodating safety test plugs with a 4 mm diameter
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4055626011134
Technical data
Dimensions
Height
53.3 mm
Length
6.5 mm
Width
6 mm
General
Note
Only use in UDK 4 MTK-P/P and UK 5-MTK-P/P
Do not plug in while the power is connected
Color
gray
Material
Copper alloy
Ambient temperature (operation)
-40 °C ... 125 °C
Max. voltage
250 V
Maximum load current
10 A
Standards and Regulations


Similar Part No. - 20122006

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
20122 BELDEN-20122 Datasheet
462Kb / 3P
Gigabit Ethernet Cat7 Data Single-Ended Cordset
logo
Wiha Tools
20122 7 WIHA-20122 7 Datasheet
115Kb / 3P
Wiha PicoFinish
More results

Similar Description - 20122006

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2812034 PHOENIX-2812034 Datasheet
121Kb / 6P
UK 4-TG-P/P
3000565 PHOENIX-3000565 Datasheet
86Kb / 6P
Test disconnect terminal block - RT 4-T-P/P
3044762 PHOENIX-3044762 Datasheet
132Kb / 6P
UTTB 4-MT P/P
3044801 PHOENIX-3044801 Datasheet
129Kb / 6P
UTTB 4-TG P/P
3046016 PHOENIX-3046016 Datasheet
137Kb / 13P
Disconnect and test disconnect terminal block - UK 4-T-LOER-P/P
3046168 PHOENIX-3046168 Datasheet
144Kb / 8P
UT 4-TG-P/P
3047454 PHOENIX-3047454 Datasheet
101Kb / 6P
Test disconnect terminal block - UTME 4-P/P BU
3047453 PHOENIX-3047453 Datasheet
544Kb / 27P
Test disconnect terminal block - UTME 4-P/P
1088671 PHOENIX-1088671 Datasheet
555Kb / 11P
Connector - IPD P 3P2,5 M GY
1088673 PHOENIX-1088673 Datasheet
555Kb / 11P
Connector - IPD P 3P2,5 F GY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com