Electronic Components Datasheet Search
  English  ▼

X  

3036330 Datasheet(PDF) 18 Page - PHOENIX CONTACT

Part # 3036330
Description  Double-level spring-cage terminal block - STTB 2,5-L/N
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3036330 Datasheet(HTML) 18 Page - PHOENIX CONTACT

Back Button 3036330 Datasheet HTML 11Page - PHOENIX CONTACT 3036330 Datasheet HTML 12Page - PHOENIX CONTACT 3036330 Datasheet HTML 13Page - PHOENIX CONTACT 3036330 Datasheet HTML 14Page - PHOENIX CONTACT 3036330 Datasheet HTML 15Page - PHOENIX CONTACT 3036330 Datasheet HTML 16Page - PHOENIX CONTACT 3036330 Datasheet HTML 17Page - PHOENIX CONTACT 3036330 Datasheet HTML 18Page - PHOENIX CONTACT 3036330 Datasheet HTML 19Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
https://www.phoenixcontact.com/pi/products/3036330
09/12/2020   Page 18 / 19
Double-level spring-cage terminal block - STTB 2,5-L/N - 3036330
Accessories
Test adapter - PAI-4-FIX-5/6 OG - 3035974
4 mm test adapter, for terminal blocks with 5.2 mm and 6.2 mm pitch
 
 
Test adapter - PAI-4-FIX-5/6 YE - 3035977
4 mm test adapter, for terminal blocks with 5.2 mm and 6.2 mm pitch
 
 
Test adapter - PAI-4-FIX-5/6 RD - 3035976
4 mm test adapter, for terminal blocks with 5.2 mm and 6.2 mm pitch
 
 
Test adapter - PAI-4-FIX-5/6 GN - 3035978
4 mm test adapter, for terminal blocks with 5.2 mm and 6.2 mm pitch
 
 
Test adapter - PAI-4-FIX-5/6 BK - 3035980
4 mm test adapter, for terminal blocks with 5.2 mm and 6.2 mm pitch
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com