Electronic Components Datasheet Search
  English  ▼

X  

FPF3381 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF3381
Description  28 V / 5 A Rated OVP with Low On-resistance and Integrated TVS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF3381 Datasheet(HTML) 2 Page - ON Semiconductor

  FPF3381 Datasheet HTML 1Page - ON Semiconductor FPF3381 Datasheet HTML 2Page - ON Semiconductor FPF3381 Datasheet HTML 3Page - ON Semiconductor FPF3381 Datasheet HTML 4Page - ON Semiconductor FPF3381 Datasheet HTML 5Page - ON Semiconductor FPF3381 Datasheet HTML 6Page - ON Semiconductor FPF3381 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FPF3381
www.onsemi.com
2
Figure 1. Application Schematic – Adjustable Option
FPF3381
IN
1uF
1uF
GND
OVLO
R1
R2
VBUS
Legacy USB /
USB Type C connector
HV Battery
Charger
Travel
Adapter
OUT
Figure 2. Simplified Block Diagram
Gate Drive
Control
IN
OUT
GND
OVLO
ENB
ACOKB
Discharge
Driver
0.2 V
1.2 V
PIN FUNCTION DESCRIPTION
Pin #
Name
Description
B3, C2, C3
IN
Power Input: Switch Input and Device Supply
A2, A3, B2
OUT
Power Output: Switch Output to Load
A1
ENB
Enable Input: Active Low. 0: Switch enabled. 1: Switch disabled. 1 MW Pull−down resistor integrated.
B1
ACOKB
Power Good Acknowledge Output: Open−drain output to indicate Power Good condition
C1
OVLO
OVLO Input: Over Voltage Lockout Adjustment Input
A4, B4, C4
GND
Ground
ORDERING INFORMATION
Device
Marking
Package
Shipping†
FPF3381UCX
3R
WLCSP−12L
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com