Electronic Components Datasheet Search
  English  ▼

X  

PRT-14505 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # PRT-14505
Description  Fairy Lights ??Blue (2.5m)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

PRT-14505 Datasheet(HTML) 1 Page - SparkFun Electronics

  PRT-14505 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
FairyLights‐Blue(2.5m)
PRT-14505 RoHS
Affectionately dubbed “Fairy Lights” for their similar appearance, these LED string lights are a great
way to light up any project with no soldering required. The insulated strings come in 2.5m lengths
with one blue LED every 10cm for a total of 25 LEDs. Unlike previous iterations, these LED strings
come with a pre-attached battery pack with a power switch and two CR2032 batteries already
installed. You can still cut the string connecting the power to each LED to form custom lengths and
let your creativity run wild.
Operating Voltage: 3VDC
LED Color: Blue
25 LEDs
String Length: 2.5m
Battery Holder Dimensions: 51mm x 23mm x 7mm
                                                       https://www.sparkfun.com/products/14505 11‐20‐17 


Similar Part No. - PRT-14505

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-14500 SPARKFUN-PRT-14500 Datasheet
123Kb / 1P
Fairy Lights ??Warm White (2.5m)
11??0??7
PRT-14502 SPARKFUN-PRT-14502 Datasheet
137Kb / 1P
Fairy Lights ??Cool White (2.5m)
11??0??7
PRT-14503 SPARKFUN-PRT-14503 Datasheet
124Kb / 1P
Fairy Lights ??Red (2.5m)
11??0??7
PRT-14504 SPARKFUN-PRT-14504 Datasheet
138Kb / 1P
Fairy Lights ??Green (2.5m)
11??0??7
PRT-14506 SPARKFUN-PRT-14506 Datasheet
131Kb / 1P
Fairy Lights ??Purple (2.5m)
11??0??7
More results

Similar Description - PRT-14505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL-S12V-24PK-R1 ETC2-RL-S12V-24PK-R1 Datasheet
213Kb / 2P
Blue LED indicator lights up when operating.
logo
OSRAM GmbH
GWQSLM31.QM OSRAM-GWQSLM31.QM Datasheet
4Mb / 25P
Area Lights
logo
Balluff Korea Ltd.
BAE00WA BALLUFF-BAE00WA Datasheet
118Kb / 2P
Machine Lights
0.41_2021-09-01
BAE00Y4 BALLUFF-BAE00Y4 Datasheet
117Kb / 2P
Machine Lights
0.44_2021-05-20
BAE011E BALLUFF-BAE011E Datasheet
121Kb / 2P
Machine Lights
0.24_2021-05-20
logo
SparkFun Electronics
PRT-14500 SPARKFUN-PRT-14500 Datasheet
123Kb / 1P
Fairy Lights ??Warm White (2.5m)
11??0??7
PRT-14502 SPARKFUN-PRT-14502 Datasheet
137Kb / 1P
Fairy Lights ??Cool White (2.5m)
11??0??7
PRT-14503 SPARKFUN-PRT-14503 Datasheet
124Kb / 1P
Fairy Lights ??Red (2.5m)
11??0??7
PRT-14504 SPARKFUN-PRT-14504 Datasheet
138Kb / 1P
Fairy Lights ??Green (2.5m)
11??0??7
PRT-14506 SPARKFUN-PRT-14506 Datasheet
131Kb / 1P
Fairy Lights ??Purple (2.5m)
11??0??7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com