Electronic Components Datasheet Search
  English  ▼

X  

AO7413 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO7413
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7413 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO7413 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7413 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO7413
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
-0.5
TJ=55°C
-2.5
±1
µA
±10
µA
VGS(th)
-0.7
-0.9
-1.4
V
ID(ON)
-15
A
94
113
TJ=125°C
130
160
111
135
m
Ω
150
180
m
Ω
gFS
5S
VSD
-0.84
-0.95
V
IS
0.6
A
Ciss
512
620
pF
Coss
77
pF
Crss
62
pF
Rg
9.2
13
Ω
Qg
4.9
6
nC
Qgs
3.5
nC
Qgd
3.7
nC
tD(on)
11
13
ns
tr
810
ns
tD(off)
34
41
ns
tf
12
15
ns
trr
12.9
16
ns
Qrr
3.9
5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
On state drain current
VGS=-4.5V, VDS=-5V
Gate-Body leakage current
VDS=0V, VGS=±10V
VDS=0V, VGS=±12V
Gate Threshold Voltage
VDS=VGS ID=-250µA
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Gate Drain Charge
Turn-On Rise Time
Turn-Off DelayTime
VGS=-4.5V, VDS=-10V, RL=7.1Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
SWITCHING PARAMETERS
Total Gate Charge
VGS=-4.5V, VDS=-10V, ID=-1.4A
Gate Source Charge
m
Ω
VGS=-4.5V, ID=-1.3A
IS=-1A,VGS=0V
VDS=-5V, ID=-1.4A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IGSS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
VDS=-16V, VGS=0V
Zero Gate Voltage Drain Current
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-1.4A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
ID=-250µA, VGS=0V
VGS=-2.5V, ID=-1.1A
VGS=-10V, ID=-1.4A
Reverse Transfer Capacitance
IF=-1.4A, dI/dt=100A/µs
VGS=0V, VDS=-10V, f=1MHz
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The SOA
curve provides a single pulse rating.
Rev3: August 2005
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com