Electronic Components Datasheet Search
  English  ▼

X  

BFO0067 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BFO0067
Description  Reflectors, Fibers, Optics
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFO0067 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BFO0067 Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Reflectors, Fibers, Optics
BFO D25-LA-CD-EAK-110-02
Order Code: BFO0067
Internet
www.balluff.com
eCl@ss 9.1: 27-27-36-06
Subject to change without notice: 253168
ETIM 6.0: EC002651
BFO0067_0.42_2021-12-02
1 / 1
Basic features
Basic standard
IEC 60947-5-2
Reference base unit
BFB 75K-001-..
Use
for fiber optic base units BFB
Version
6x19, light grid
Environmental conditions
Ambient temperature
-55...70 °C
Ambient temperature connection area Acc. to fiber optic sensor
IP rating
IP65
Material
Active surface, fiber arrangement
Row
Fiber type material
PMMA
Housing material
Brass, nickel-plated
Material jacket
PE
Surface protection
nickel-plated
Mechanical data
Active surface, fibers
Ø 0.25 mm (32x)
Cable diameter D
2.80 mm
Cable length L
2 m
Cable, bending radius min.
60 mm
Connection
Ø 2.2 mm
Connection type
Adapter sleeve, 2.00 m, PE
Dimension
6 x 19 x 25 mm
Fiber optic cable, structure
Fiber bundle in plastic jacket
Length B min., without bending
20.00 mm
Mounting part
Screw M3
Tensile load max. at 20 °C
6 N (max. 3s)
Range/Distance
Range
600 mm
Rated operating distance Sn
600 mm
Real switching distance sr
600 mm
Remarks
The cutting tool is included in the scope of delivery
order other accessories separately.
Cut cable to length: use suitable cutting tool. Make a single cut, vertical to cable axis. The cut quality can affect the switching distance.
Route fiber optic cable so that no excessive tensile, compression or torsional forces are permitted. Observe permissible bending radiuses. Installation may
affect the switching distance.
The scope of delivery includes one set of fiber optics for the transmitter and one for the receiver.
Opto Symbols


Similar Part No. - BFO0067

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BFO0060 BALLUFF-BFO0060 Datasheet
93Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-03-31
BFO0062 BALLUFF-BFO0062 Datasheet
93Kb / 1P
Reflectors, Fibers, Optics
0.32_2021-03-31
BFO0063 BALLUFF-BFO0063 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO0064 BALLUFF-BFO0064 Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.24_2021-03-31
BFO0065 BALLUFF-BFO0065 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-11-19
More results

Similar Description - BFO0067

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAM00UL BALLUFF-BAM00UL Datasheet
105Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-03-31
BAM00WA BALLUFF-BAM00WA Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.22_2021-04-01
BAM01NH BALLUFF-BAM01NH Datasheet
88Kb / 1P
Reflectors, Fibers, Optics
0.36_2021-04-01
BAM0332 BALLUFF-BAM0332 Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.2_2021-05-20
BFO000C BALLUFF-BFO000C Datasheet
91Kb / 1P
Reflectors, Fibers, Optics
0.3_2021-12-02
BFO00AY BALLUFF-BFO00AY Datasheet
92Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C4 BALLUFF-BFO00C4 Datasheet
99Kb / 1P
Reflectors, Fibers, Optics
0.28_2021-04-01
BFO00C8 BALLUFF-BFO00C8 Datasheet
96Kb / 1P
Reflectors, Fibers, Optics
0.31_2021-12-02
BFO00E9 BALLUFF-BFO00E9 Datasheet
94Kb / 1P
Reflectors, Fibers, Optics
0.27_2021-04-01
BFO00EA BALLUFF-BFO00EA Datasheet
95Kb / 1P
Reflectors, Fibers, Optics
0.23_2021-04-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com