Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS259 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS259
Description  SN74HCS259-Q1 Automotive 8-Bit Addressable Latches with Schmitt-Trigger Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS259 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HCS259 Datasheet HTML 3Page - Texas Instruments SN74HCS259 Datasheet HTML 4Page - Texas Instruments SN74HCS259 Datasheet HTML 5Page - Texas Instruments SN74HCS259 Datasheet HTML 6Page - Texas Instruments SN74HCS259 Datasheet HTML 7Page - Texas Instruments SN74HCS259 Datasheet HTML 8Page - Texas Instruments SN74HCS259 Datasheet HTML 9Page - Texas Instruments SN74HCS259 Datasheet HTML 10Page - Texas Instruments SN74HCS259 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
6.7 Switching Characteristics
CL = 50 pF; over operating free-air temperature range (unless otherwise noted). See Parameter Measurement Information.
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
tpd
Propagation delay
Data
Any Q
2 V
17
32
48
ns
4.5 V
7
12
18
6 V
6
11
15
Address
Any Q
2 V
16
34
52
4.5 V
7
12
20
6 V
6
11
18
G
Any Q
2 V
17
38
55
4.5 V
7
16
24
6 V
6
15
21
tPHL
Propagation delay
CLR
Any Q
2 V
14
34
51
ns
4.5 V
7
12
20
6 V
6
11
16
tt
Transition-time
Any output
2 V
9
17
ns
4.5 V
5
8
6 V
4
7
6.8 Operating Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
Cpd
Power dissipation capacitance
per gate
No load
2 V to 6 V
10
pF
www.ti.com
SN74HCS259-Q1
SCLS815A – JULY 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74HCS259-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com