Electronic Components Datasheet Search
  English  ▼

X  

DN6847 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DN6847
Description  Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN6847 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DN6847 Datasheet HTML 1Page - Panasonic Semiconductor DN6847 Datasheet HTML 2Page - Panasonic Semiconductor DN6847 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VCC
ICC
IO
PD
Topr
Tstg
Supply voltage
Supply current
Circuit current
Power dissipation
Operating ambient temperature
Storage temperature
V
mA
mA
mW
˚C
˚C
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta=25˚C)
18
8
20
150
–40 to +100
–55 to +125
Parameter
Symbol
Condition
min
typ
max
Unit
s Electrical Characteristics (Ta=25˚C)
Operating flux density
–17.5
B1 (L to H)
mT
–6
VCC=12V
B2 (H to L)
17.5
mT
6
VCC=12V
Hysteresis width
7
BW
mT
10
VCC=12V
Output voltage
VOL
0.4
V
VCC=16V, VO=0V,
B= –17.5mT
14.7
VOH
V
2.9
V
Output short-circuit current
0.4
– IOS
0.9
mA
Supply current
1
mA
VCC=16V
1
ICC
5.5
mA
VCC=4.5V
6
VCC=4.5V, IO=–30
µA,
B= –17.5mT
VCC=16V, IO= –30
µA,
B= –17.5mT
VCC=4.5 to 16V, IO=12mA,
B=17.5mT
1.5
1.0 1.75
Unit : mm
The center of the Hall
element is in the hatched
area in the right figure.
· DN6847
1.0 1.63
· DN6847SE
1.0 1.5
· DN6847TE
· DN6847S
Distance from package
surface to sensor
DN6847
0.7
DN6847SE
0.42
DN6847TE
0.4
DN6847S
0.65
s Hall Element Position
Marking surface
Applied flux direction
Flux density (B)
B1
B2
s Flux-Voltage Conversion Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com