Electronic Components Datasheet Search
  English  ▼

X  

AOF800L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOF800L
Description  Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOF800L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOF800L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOF800L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOF800L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOF800L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOF800L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOF800L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOF800L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
Units
VDS
V
VGS
V
IDM
TJ, TSTG
°C
Symbol
Units
RθJL
Symbol
Units
RθJL
Parameter: Thermal Characteristics MOSFET Q1
Typ
Max
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
47
62.5
Maximum Junction-to-Ambient
A
Steady-State
°C/W
83
110
Maximum Junction-to-Lead
C
Steady-State
23
40
Parameter: Thermal Characteristics MOSFET Q2
Typ
Max
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
31
40
Maximum Junction-to-Ambient
A
Steady-State
°C/W
59
75
Maximum Junction-to-Lead
C
Steady-State
16
24
Max Q1
30
±20
8.3
A
13
30
80
17.7
6.7
TA=25°C
TA=70°C
Power Dissipation
PD
Pulsed Drain Current
B
Continuous Drain
Current
A
ID
W
-55 to 150
-55 to 150
Junction and Storage Temperature Range
3
1.28
2.1
TA=25°C
TA=70°C
2
Gate-Source Voltage
±20
30
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Drain-Source Voltage
Max Q2
AO4F800
Asymmetric Dual N-Channel Enhancement Mode Field Effect
Transistor
Features
Q1
Q2
VDS (V) = 30V
VDS(V) = 30V
ID = 8.3A (VGS = 10V)
ID=17.7A
RDS(ON) < 18mΩ
< 6.5m
Ω
(VGS = 10V)
RDS(ON) < 27mΩ
< 8.5m
Ω
(VGS = 4.5V)
General Description
The AO4F800 uses advanced trench technology to
provide excellent RDS(ON) and low gate charge. The
two MOSFETs make a compact and efficient switch
and synchronous rectifier combination for use in DC-
DC converters. Standard Product AOF800 is Pb-free
(meets ROHS & Sony 259 specifications). AOF800L
is a Green Product ordering option. AOF800 and
AOF800L are electrically identical.
SOIC-14
G2
G1
D1
D1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
S2
S2
S2
D2/S1
D2/S1
S1
S1
D2/S1
D2/S1
D2/S1
G1
D1
S1
G2
D2
S2
Q1
Q2
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOF800L

ManufacturerPart #DatasheetDescription
logo
ETA-USA
AOFD-120 ETA-USA-AOFD-120 Datasheet
1Mb / 4P
120W Din Rail Mount
AOFD-15 ETA-USA-AOFD-15 Datasheet
1Mb / 4P
15W Din Rail Mount
AOFD-180 ETA-USA-AOFD-180 Datasheet
781Kb / 4P
180W Din Rail Mount
AOFD-180-24 ETA-USA-AOFD-180-24 Datasheet
781Kb / 4P
180W Din Rail Mount
AOFD-180-48 ETA-USA-AOFD-180-48 Datasheet
781Kb / 4P
180W Din Rail Mount
More results

Similar Description - AOF800L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4912 AOSMD-AO4912 Datasheet
152Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918 AOSMD-AO4918 Datasheet
151Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918A AOSMD-AO4918A Datasheet
151Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4924 AOSMD-AO4924 Datasheet
162Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4932 AOSMD-AO4932 Datasheet
153Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4922 AOSMD-AO4922 Datasheet
165Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4930 AOSMD-AO4930 Datasheet
697Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4926 AOSMD-AO4926 Datasheet
246Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4928 AOSMD-AO4928 Datasheet
160Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4940 AOSMD-AO4940 Datasheet
498Kb / 6P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com