Electronic Components Datasheet Search
  English  ▼

X  

DN6849 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DN6849
Description  Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN6849 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DN6849 Datasheet HTML 1Page - Panasonic Semiconductor DN6849 Datasheet HTML 2Page - Panasonic Semiconductor DN6849 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
s Overview
The DN6849/SE/TE/S is a combination of a Hall element,
amplifier, Schmitt circuit, and stabilized power supply/temper-
ature compensator integrated on an identical chip by using the
IC technology. It amplifies Hall element output at the amplifi-
er, converts into a digital signal through the Schmitt circuit,
and drives the TTL or MOS IC directly.
s Features
• High sensitivity and low drift
• Stable temperature characteristics due to the additional tem-
perature compensator
• Wide operating supply voltage range (VCC=4.5 to 16V)
• Operating in alternative magnetic field
• TTL and MOS ICs directly drivable by output
• Output open collector
s Applications
• Speed sensors
• Position sensors
• Rotation sensors
• Keyboard switches
• Microswitches
Note) This IC is not suitable for car electrical equipments.
DN6849/SE/TE/S
Hall IC (Operating Temperature Range
Topr = – 40 to +100˚C, Operating in Alternative
Magnetic Field)
Unit : mm
DN6849
SSIP003-P-0000A (E-3S)
1 : VCC
2 : GND
3 : Output
0.5
±0.1
5˚
12 3
2˚
5˚
5˚
2˚
1.27
4.5
±0.3
0.43
+0.1
– 0.05
2.0
±0.3
0.8
±0.1
1.0
DN6849SE
4.52
±0.3
0.55
±0.15
0.4
±0.1
1.54
±0.1
1.27
R0.25
2 to 5˚
2˚
12 3
45˚
SSIP003-P-0000 (SE-3S)
Unit : mm
(0.4)
(0.72)
1 : VCC
2 : GND
3 : Output
DN6849TE
4.0
±0.3
0.6
±0.15
0.5
±0.1
1.2
±0.1
1.27
12 3
SSIP003-P-0000B (TE-3S)
Unit : mm
(0.2)
(0.7)
1 : VCC
2 : GND
3 : Output
ESOP004-P-0200 (SOH-4D)
1
2
4
3
5.4
±0.4
3.0
±0.3
0.3 to 0.5
DN6849S
Unit : mm
1 : VCC
2 : NC or GND
3 : Output
4 : GND
Hall element
· DN6849/SE/TE
Amp.
Schmitt trigger Output stage
3
2
1
VCC
Output
GND
Stabilized power supply
temperature correction circuit
s Block Diagram
1
Hall element
· DN6849S
Amp.
Schmitt trigger Output stage
3
4
2
VCC
Output
GND
NC
or
GND
Stabilized power supply
temperature correction circuit


Similar Part No. - DN6849

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
Hall IC for alternative magnetic field
More results

Similar Description - DN6849

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN6847 PANASONIC-DN6847 Datasheet
41Kb / 3P
Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6848 PANASONIC-DN6848 Datasheet
39Kb / 3P
Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
Hall IC for alternative magnetic field
DN6851 PANASONIC-DN6851 Datasheet
25Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6852 PANASONIC-DN6852 Datasheet
24Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6853 PANASONIC-DN6853 Datasheet
24Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN8897 PANASONIC-DN8897 Datasheet
42Kb / 3P
Hall IC(Operating Temperature Range Topr=-40 to -100째C, Operating in Alternative Magnetic Field)
DN8899 PANASONIC-DN8899 Datasheet
39Kb / 3P
Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN8899UAS PANASONIC-DN8899UAS Datasheet
45Kb / 6P
Hall IC for alternative magnetic field SOH-4D type
logo
Murata Manufacturing Co...
GRM0334C1H1R4BA01 MURATA-GRM0334C1H1R4BA01 Datasheet
93Kb / 2P
Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com