Electronic Components Datasheet Search
  English  ▼

X  

BCC0L3C Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0L3C
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0L3C Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0L3C Datasheet HTML 1Page - Balluff Korea Ltd. BCC0L3C Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BCC M425-0000-2L-150-PX85A5-020
Order Code: BCC0L3C
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 271233
ETIM 6.0: EC001855
BCC0L3C_1_2021-03-01
1 / 2
Basic features
Approval/Conformity
CE
EAC
WEEE
Electrical connection
Bending radius min., fixed cable
4 x D
Bending radius min., flexible cable
7.5 x D
Cable
PUR gray, 2 m, drag chain
compatible
Cable diameter D
8.00 mm ±0.20 mm
Cable, bending cycles min.
10 mil.
Conductor cross-section
1.5 mm²
Connection
M12x1-Male, angled, 5-pin, L-
coded
Connector configuration
right-angle
Number of conductors
5
Number of pins
5
System
Molded
Electrical data
Operating voltage Ub
60 VDC / 50 VAC
Rated current (40 °C)
16.0 A
Environmental conditions
Cable temperature UL max., fixed
routing
80 °C
Cable temperature UL max., flexible
routing
80 °C
Cable temperature, drag chain
-20...60 °C
Cable temperature, fixed routing
-40...90 °C
Cable temperature, flexible routing
-30...90 °C
IP rating
IP65, IP67, IP69K
Material
Cable jacket, material
PUR
Material contact carrier
PBT
Material contacts
Copper alloy, gold plated
Material cover nut
Brass
nickel-plated
Material grip
TPE
Mechanical data
Acceleration max., drag chain
50 m/s²
Cable jacket, color
gray
Cable length L
2.00 m
Cable properties
drag chain compatible
Tightening torque pigtail
0.6 Nm
Traverse speed max., drag chain
5 m/s


Similar Part No. - BCC0L3C

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0L30 BALLUFF-BCC0L30 Datasheet
113Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0L31 BALLUFF-BCC0L31 Datasheet
113Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0L32 BALLUFF-BCC0L32 Datasheet
113Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0L33 BALLUFF-BCC0L33 Datasheet
112Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0L34 BALLUFF-BCC0L34 Datasheet
112Kb / 2P
Double-Ended Cordsets
1_2021-03-01
More results

Similar Description - BCC0L3C

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com