Electronic Components Datasheet Search
  English  ▼

X  

BSS138 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BSS138
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BSS138 Datasheet(HTML) 4 Page - ON Semiconductor

  BSS138 Datasheet HTML 1Page - ON Semiconductor BSS138 Datasheet HTML 2Page - ON Semiconductor BSS138 Datasheet HTML 3Page - ON Semiconductor BSS138 Datasheet HTML 4Page - ON Semiconductor BSS138 Datasheet HTML 5Page - ON Semiconductor BSS138 Datasheet HTML 6Page - ON Semiconductor BSS138 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BSS138
www.onsemi.com
4
TYPICAL CHARACTERISTICS (continued)
Figure 3. On−Resistance Variation with Temperature
Figure 4. On−Resistance Variation with
Gate−to−Source Voltage
−50
−25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
VGS, Gate To Source Voltage (V)
TJ, Junction Temperature (5C)
1.4
1.6
1.8
2
ID = 220 mA
VGS = 10 V
TA = 25°C
TA = 125°C
ID = 110 mA
0.5
1.1
1.7
2.3
2.9
3.5
4.1
0
24
6
8
10
Figure 5. Transfer Characteristics
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature
0.5
1
1.5
2
2.5
3
3.5
0
0.1
0.2
VSD, Body Diode Forward Voltage (V)
VGS, Gate To Source Voltage (V)
0.3
0.4
0.5
0.6
0.0001
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
TA = −55°C
25°C
125°C
VDS = 10 V
TA = 125°C
25°C
−55°C
VGS = 0 V
1
Figure 7. Gate Charge Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
0
2
4
VSD, Drain To Source Voltage (V)
Qg, Gate Charge (nC)
6
8
10
0
20
40
60
100
010
20
30
40
1.4
1.6
1.8
ID = 220 mA
30 V
25 V
VDS = 8 V
80
CISS
COSS
CRSS
Figure 8. Capacitance Characteristics
1.2
50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com