Electronic Components Datasheet Search
  English  ▼

X  

HIC2065 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # HIC2065
Description  Voltage Repeater
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

HIC2065 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  HIC2065 Datasheet HTML 1Page - Pepperl+Fuchs Inc. HIC2065 Datasheet HTML 2Page - Pepperl+Fuchs Inc. HIC2065 Datasheet HTML 3Page - Pepperl+Fuchs Inc. HIC2065 Datasheet HTML 4Page - Pepperl+Fuchs Inc. HIC2065 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Voltage Repeater
HiC2065
< 1-channel isolated barrier
< 24 V DC supply (bus powered)
< Voltage input 0 mV ... ± 50 mV
< Voltage output 0 mV ... ± 50 mV
< Selectable up/downscale sensor breakage detection
< Fault output signal
Function
This isolated barrier is used for intrinsic safety applications. It transfers low voltage signals from thermocouples, load cells, strain gauges,
operational amplifiers, and inductive oscillation sensors located in hazardous areas to safe areas.
The input voltage of the terminals 5a and 5b is transferred to the terminals 7a and 8a.
The input, output, and power supply are galvanically isolated from each other. Upscale or downscale lead breakage monitoring is selectable via
switches located on the front panel of the device.
Note: This unit requires three minutes after power-up to reach the accuracy cited in the technical data.
Connection
Zone 2
Div. 2
Zone 0, 1, 2
Div. 1, 2
HiC2065
Termination Board
SL1
8a
7a
11
14
5a
5b
1
4
+
-
+
-
SL2
24 V DC
FAULT
1a, 1b
2a, 2b
6b
-
+
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - HIC2065

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
HIC2068 PF-HIC2068 Datasheet
829Kb / 5P
Voltage Repeater
More results

Similar Description - HIC2065

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
HIC2095 PF-HIC2095 Datasheet
901Kb / 5P
Voltage Repeater
HID2096 PF-HID2096 Datasheet
928Kb / 5P
Voltage Repeater
HID2824 PF-HID2824 Datasheet
993Kb / 4P
Voltage Repeater
KFD2-VR-EX1.19 PF-KFD2-VR-EX1.19 Datasheet
1Mb / 4P
Voltage Repeater
KFD2-VR2-EX1.500M PF-KFD2-VR2-EX1.500M Datasheet
1Mb / 4P
Voltage Repeater
2021-11-25
KFD2-VR2-EX1.50M PF-KFD2-VR2-EX1.50M Datasheet
1Mb / 4P
Voltage Repeater
2021-11-25
KFD2-VR-EX1.12 PF-KFD2-VR-EX1.12 Datasheet
990Kb / 3P
Voltage Repeater
2021-11-25
KFD2-VR-EX1.18 PF-KFD2-VR-EX1.18 Datasheet
1Mb / 4P
Voltage Repeater
2021-11-25
KFD2-VR-EX1.19-Y109129 PF-KFD2-VR-EX1.19-Y109129 Datasheet
1Mb / 4P
Voltage Repeater
2021-11-25
KFD2-VR4-EX1.26 PF-KFD2-VR4-EX1.26 Datasheet
1Mb / 5P
Voltage Repeater
2021-11-25
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com