Electronic Components Datasheet Search
  English  ▼

X  

UBBL21 Datasheet(PDF) 1 Page - Ultralife Corporation.

Part # UBBL21
Description  Off-the-shelf convenience
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTRALIFE [Ultralife Corporation.]
Direct Link  https://www.ultralifecorporation.com/
Logo ULTRALIFE - Ultralife Corporation.

UBBL21 Datasheet(HTML) 1 Page - Ultralife Corporation.

  UBBL21 Datasheet HTML 1Page - Ultralife Corporation. UBBL21 Datasheet HTML 2Page - Ultralife Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Specifications
Part No.
UBBL21-FL or UBBL21-C1
Voltage Range
9.0 to 12.6V
Average Voltage
10.8V
Capacity
2.8Ah @ C/5 Rate @ 23°C±2°C
Max. Discharge
2.5A continuous
PTC
Rated for 2.6A Hold Current @ 20°C
Energy
30Wh
Energy Density
199Wh/kg, 499Wh/l
Weight
~151g
Cycle Life
> 300 cycles @ C/5 to 80% of inital capacity
Memory
No Memory Effect
Operating Temperature
-20°C to 60°C
Storage Temperature
-20°C to 50°C
Self-Discharge
< 10% per month
Exterior/Housing
PVC Shrink Wrap
Terminals/Connector
FL: 22 AWG wire leads Red (+), Black (-)
C1: JST Connector VHR-2N
Certifications
IEC62133:2012 Certificate # BE-34054
Safety
Material Safety Datasheet - MSDS041
Safety Guide UBM-5112
Transportation
Excepted from regulations for packages with
gross mass of 10kg or less (see note)
Protection Circuit Module and
Fuses
Over Voltage Limit: 4.35±0.025V (per cell)
Under Voltage Limit: 2.30±0.1V (per cell)
Over Discharge Current Limit: 3.6 - 6.0A
Charging
Recommended charge rate is 466mA to 12.6V
in a temperature range of 0°C to 45°C. Hold at
12.6V until current declines to 50mA. Maximum
charge rate is 1.63A @ 23°C±2°C.
Note
A complete description of transportation
regulations, lithium weights and transportation
classifications is available on the Ultralife website.
Features
• Off-the-shelf convenience
• Wire or connector terminals
• Full circuit protection
• Meets all UN transportation testing
• Long cycle life
• High energy density
• Wide operating temperature range
• Lightweight
Applications
• Portable electronics
• Hand-held devices
• Medical equipment
• Back-up power
Accessories Optional
• UCH0038-S: Wall Wart charger (U.S.)
• UCH0038-I: Wall Wart charger (International)
• UCA0102-01: Interface cable for UBBL21-FL
• UCA0102-02: Interface cable for UBBL21-C1
UBBL21
Technical Datasheet
UBBL21
Newark, New York | +1 315-332-7100 | Fax: +1 315-331-7800
©2019 Ultralife Corporation • www.ultralifecorp.com • All information is subject to change without notice.
The information contained herein is for reference only and does not constitute a warranty of performance. • 11 NOV 19 UBM-05197 Rev: F


Similar Part No. - UBBL21

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
Wide operating temperature range
Rev: G
UBBL20-C1 ULTRALIFE-UBBL20-C1 Datasheet
496Kb / 2P
Wide operating temperature range
Rev: G
UBBL20-FL ULTRALIFE-UBBL20-FL Datasheet
496Kb / 2P
Wide operating temperature range
Rev: G
UBBL22 ULTRALIFE-UBBL22 Datasheet
319Kb / 2P
Off-the-shelf convenience
Rev: F
UBBL22-C1 ULTRALIFE-UBBL22-C1 Datasheet
319Kb / 2P
Off-the-shelf convenience
Rev: F
More results

Similar Description - UBBL21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM140T ETC-COM140T Datasheet
52Kb / 4P
(COTS) COMMERCIAL OFF-THE-SHELF POWER MOSFETS IN TO-257AA PACKAGE
COM7905T ETC1-COM7905T Datasheet
37Kb / 4P
COMMERCIAL OFF-THE-SHELF FIXED VOLTAGE NEGATIVE REGULATORS IN TO-257
logo
Kemet Corporation
F9038 KEMET-F9038 Datasheet
153Kb / 8P
Ceramic Commercial-Off-The-Shelf Surface Mount Capacitors (COTS)
logo
Seiko Instruments Inc
S-35770E01A-K8T2U SII-S-35770E01A-K8T2U Datasheet
2Mb / 26P
CONVENIENCE TIMER
logo
Molex Electronics Ltd.
0151340201 MOLEX1-0151340201 Datasheet
41Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row
0151340505 MOLEX1-0151340505 Datasheet
43Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row,
0151350205 MOLEX1-0151350205 Datasheet
49Kb / 1P
CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
logo
Ultralife Corporation.
UBBL22 ULTRALIFE-UBBL22 Datasheet
319Kb / 2P
Off-the-shelf convenience
Rev: F
UBBL24 ULTRALIFE-UBBL24 Datasheet
161Kb / 2P
Off-the-shelf convenience
Rev: H
UBBL26 ULTRALIFE-UBBL26 Datasheet
159Kb / 2P
Off-the-shelf convenience
Rev: D
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com