Electronic Components Datasheet Search
  English  ▼

X  

2000-439 Datasheet(PDF) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2000-439
Description  Jumper; from 1 to 9; insulated; light gray
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2000-439 Datasheet(HTML) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

  2000-439 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2000-439 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2000-439 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2000-439 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2000-439 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data sheet | Item number: 2000-439
www.wago.com/2000-439
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
24.11.2021    Page /
2 5
Ex information
Rated current (Ex e II)
12 A
 
Physical data
Width
30.5 mm / 1.201 inch
Height
4.1 mm / 0.161 inch
Depth
19 mm / 0.748 inch
Jumper assignment
1 to 9
Material data
Color
light gray
Fire load
0.015 MJ
 
Weight
1.6 g
 
Commercial data
Product Group
22 (TOPJOB S)
PU (SPU)
25 Stück
Packaging type
bag
Country of origin
DE
GTIN
4045454721992
Customs tariff number
85366990990
Downloads
Documentation
Bid Text
2000-439
X81 - Datei
2019. 2. 19.
xml
2.6 kB
Download
2000-439
doc - Datei
2017. 4. 27.
doc
24.1 kB
Download
Additional Information
Technical explanations
pdf
2.2 MB
Download
CAD/CAE-Data



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com