Electronic Components Datasheet Search
  English  ▼

X  

ACV32012 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # ACV32012
Description  AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ACV32012 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  ACV32012 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ACV32012 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ACV32012 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ACV32012 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CV
3
2. Micro 280 terminal type
1). Plug-in type
0.8
.031
*A
22.5
.886
2.8
.110
85
30
87 87a
86
Sealed by epoxy resin
16.2
.638
7.8
.307
15
.591
15.7
.618
11
.433
Dimension:
Tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
* Dimensions (thickness and width) of terminal specified in this catalog is measured before pre-soldering.
Intervals between terminals is measured at A surface level.
Schematic (Bottom view)
1 Form A
1 Form C
86
85
87
30
Including diode type,
including resistor type also available
30
86
85
87A
87
mm inch
2). PC board type
1
.039
2.8
.110
1
.039
*A
85
30
87 87a
86
Sealed by epoxy resin
0.8
.031
22.5
.886
3.5
.138
16.7
.657
16.2
.638
7.8
.307
15
.591
Dimension:
Tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
* Dimensions (thickness and width) of terminal specified in this catalog is measured before pre-soldering.
Intervals between terminals is measured at A surface level.
Schematic (Bottom view)
1 Form A
1 Form C
86
85
87
30
Including diode type,
including resistor type also available
86
85
87A
87
30
REFERENCE DATA
1. Coil temperature rise
Point measured: Inside the coil
Contact carrying current: 20A
Coil applied voltage: 13.5V
2-(1). Electrical life test (Motor load)
Tested sample: ACV11212
Quantity: n = 3
Load: Inrush 30A, Steady 14A, 13.5V DC
Ambient temperature: Room temperature
Operating frequency: ON 12s, OFF 14s
Circuit:
0
30
60
90
120
150
180
55
85
75
65
Ambient temperature,
°C
20A
Tested sample
M
M
13.5 V DC
0
2
4
6
8
10
010
Pick-up voltage
Drop-out voltage
X
X
Max.
Max.
Min.
Min.
No. of operations,
× 104
Contact welding: 0 times
Miscontact: 0 times
2-(2). Electrical life (Motor load)
Tested sample: ACV31212
Quantity: n = 3
Load: Inrush 65A, Steady 14A, 14V DC
Operating frequency: ON 2s, OFF 6s
Ambient temperature: Room temperature
Circuit:
Tested sample
Motor
120W
14 V DC
M
0
2
4
6
8
10
010
Pick-up voltage
Drop-out voltage
No. of operations,
× 104
Contact welding: 0 times
Miscontact: 0 times
X
X
Max.
Max.
Min.
Min.
cv.fm
3
y [ W
QOOPNPQ
PPœ@˛jœ@
ªR
QQ“



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com